Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH512 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSH512
Description  Hi-fi stereo/mono infrared transmitter and stereo sub-carrier generator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH512 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSH512_09 Datasheet HTML 6Page - STMicroelectronics TSH512_09 Datasheet HTML 7Page - STMicroelectronics TSH512_09 Datasheet HTML 8Page - STMicroelectronics TSH512_09 Datasheet HTML 9Page - STMicroelectronics TSH512_09 Datasheet HTML 10Page - STMicroelectronics TSH512_09 Datasheet HTML 11Page - STMicroelectronics TSH512_09 Datasheet HTML 12Page - STMicroelectronics TSH512_09 Datasheet HTML 13Page - STMicroelectronics TSH512_09 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Electrical characteristics
TSH512
10/31
Doc ID 8120 Rev 7
3.1
Supply section
3.2
Audio section
VBUF-OUT
DC
Output DC voltage
DC output current = 0.4 mA
1.25
VDC
H2BUF-OUT 2nd harmonic level
VBUF-OUT = 1.2 Vpp and ZL =2kΩ
-40
dBc
H3BUF-OUT 3rd harmonic level
VBUF-OUT =1.2 Vpp and ZL =2kΩ
-30
dBc
1.
Limits over -40° C < Tamb < +85° C range are guaranteed by statistical correlation.
Figure 3.
Supply current vs. supply voltage
Table 4.
Electrical characteristics for VCC = 2.7 V, Tamb = 25° C, faudio = 1 kHz, fcarrier = 2.8 MHz
(unless otherwise specified) (continued) (1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
01
2345
6
0
2
4
6
8
10
12
14
16
18
TX1
TX1+Buffers
TX1+TX2
TX1+TX2+Buffers
V
CC(V)
Figure 4.
LNA distortion vs. frequency
Figure 5.
LNA distortion vs. LNA output
voltage
10
100
1000
10000
0.01
0.1
1
V
CC
= 2.7V
G
LNA
= 0dB
V
OUT-LNA
= 700mV
pp
Frequency (Hz)
0
200
400
600
800
1000
1200
1400
1600
1E-3
0.01
0.1
1
10
100
G
LNA
= 0dB
V
CC
= 5.5V
V
CC
= 2.7V
V
CC
= 2.3V
V
OUT-LNA
(mV
pp
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com