Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH512 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSH512
Description  Hi-fi stereo/mono infrared transmitter and stereo sub-carrier generator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH512 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSH512_09 Datasheet HTML 8Page - STMicroelectronics TSH512_09 Datasheet HTML 9Page - STMicroelectronics TSH512_09 Datasheet HTML 10Page - STMicroelectronics TSH512_09 Datasheet HTML 11Page - STMicroelectronics TSH512_09 Datasheet HTML 12Page - STMicroelectronics TSH512_09 Datasheet HTML 13Page - STMicroelectronics TSH512_09 Datasheet HTML 14Page - STMicroelectronics TSH512_09 Datasheet HTML 15Page - STMicroelectronics TSH512_09 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Electrical characteristics
TSH512
12/31
Doc ID 8120 Rev 7
Figure 12.
MIC-BIAS voltage vs. MC-BIAS
current
Figure 13.
LNA+ALC+PEA distortion vs. input
voltage
0123
4
1.6
1.8
2.0
2.2
2.4
V
CC
= 2.3V
I
MIC-BIAS
(mA)
0.02
0.04
0.06
0.08
0.10
0.01
0.1
1
10
R
L-PEA
= 22K
Ω
G
LNA
= 0dB
G
PEA
= 0dB
V
CC
= 5.5V
V
CC
= 2.7V
V
CC
= 2.3V
V
IN
(V
pp
)
Figure 14.
MIC-BIAS output voltage vs.
temperature
Figure 15.
MIC-BIAS voltage vs. MIC-BIAS
current
-40 -30 -20 -10 0
102030 40 5060 7080
2.1
2.2
2.3
2.4
V
CC
= 2.7V
I
MIC-BIAS
= 2.5mA
T
AMB(°C)
0123
2.20
2.25
2.30
2.35
2.40
V
CC
=2.7V
I
MIC-BIAS
(mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com