Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH512 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSH512
Description  Hi-fi stereo/mono infrared transmitter and stereo sub-carrier generator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH512 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSH512_09 Datasheet HTML 7Page - STMicroelectronics TSH512_09 Datasheet HTML 8Page - STMicroelectronics TSH512_09 Datasheet HTML 9Page - STMicroelectronics TSH512_09 Datasheet HTML 10Page - STMicroelectronics TSH512_09 Datasheet HTML 11Page - STMicroelectronics TSH512_09 Datasheet HTML 12Page - STMicroelectronics TSH512_09 Datasheet HTML 13Page - STMicroelectronics TSH512_09 Datasheet HTML 14Page - STMicroelectronics TSH512_09 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
TSH512
Electrical characteristics
Doc ID 8120 Rev 7
11/31
Figure 6.
Supply current vs. temperature
Figure 7.
LNA distortion vs. frequency
020
40
60
80
0
2
4
6
8
10
12
14
16
V
CC
= 2.7V
TX1+TX2
TX1
TX1+Buffers
TX1+TX2+Buffers
T
AMB(°C)
10
100
1000
10000
0.1
1
10
V
CC
= 2.7V
G
LNA
= 40dB
V
OUT-LNA
= 700mV
pp
Frequency (Hz)
Figure 8.
PEA output voltage vs. LNA input
voltage
Figure 9.
PEA output voltage vs. temperature
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
R
L-PEA
= 22K
Ω
G
LNA
= 0dB
G
PEA
= 0dB
V
CC
= 5.5V
V
CC
= 2.7V
V
CC
= 2.3V
V
IN-LNA
(V
pp
)
-40
-20
0
20
40
60
80
0
100
200
300
400
500
600
700
800
R
L-PEA
=22K
Ω
G
LNA
= 0dB
G
PEA
= 0dB
V
CC
= 2.7V
V
CC
= 5V
T
AMB(°C)
Figure 10.
PEA output voltage vs. resistor
load
Figure 11.
MIC-BIAS output voltage vs. supply
voltage
100
1k
10k
100k
1M
200
300
400
500
600
V
CC
= 2.7V
R
L-PEA
(
Ω)
2.02.5
3.03.5
4.04.5
5.05.5
6.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
I
MIC-BIAS
= 2.5mA
V
CC
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com