Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705P6A Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 68HC705P6A
Description  General Release Specification
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705P6A Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 68HC705P6A Datasheet HTML 17Page - Freescale Semiconductor, Inc 68HC705P6A Datasheet HTML 18Page - Freescale Semiconductor, Inc 68HC705P6A Datasheet HTML 19Page - Freescale Semiconductor, Inc 68HC705P6A Datasheet HTML 20Page - Freescale Semiconductor, Inc 68HC705P6A Datasheet HTML 21Page - Freescale Semiconductor, Inc 68HC705P6A Datasheet HTML 22Page - Freescale Semiconductor, Inc 68HC705P6A Datasheet HTML 23Page - Freescale Semiconductor, Inc 68HC705P6A Datasheet HTML 24Page - Freescale Semiconductor, Inc 68HC705P6A Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 134 page
background image
General Release Specification
Functional Pin Description
MC68HC705P6A — Rev. 1.0
General Release Specification
General Description
1.4.2.3 External Clock
An external clock from another CMOS-compatible device can be
connected to the OSC1 input, with the OSC2 input not connected, as
shown in Figure 1-2(b).
1.4.3 RESET
Driving this input low will reset the MCU to a known startup state. The
RESET pin contains an internal Schmitt trigger to improve its noise
immunity. Refer to Section 4. Resets.
1.4.4 PA0–PA7
These eight I/O pins comprise port A. The state of any pin is software
programmable and all port A lines are configured as inputs during
power-on or reset. Port A has mask-option register enabled interrupt
capability with internal pullup devices selectable for any pin. Refer to
Section 6. Input/Output Ports.
1.4.5 PB5/SDO, PB6/SDI, and PB7/SCK
These three I/O pins comprise port B and are shared with the SIOP
communications subsystem. The state of any pin is software
programmable, and all port B lines are configured as inputs during
power-on or reset. Refer to Section 6. Input/Output Ports and Section
7. Serial Input/Output Port.
1.4.6 PC0-PC2, PC3/AD3, PC4/AD2, PC5/AD1, PC6/AD0, and PC7/VREFH
These eight I/O pins comprise port C and are shared with the A/D
converter subsystem. The state of any pin is software programmable
and all port C lines are configured as inputs during power-on or reset.
Refer to Section 6. Input/Output Ports and Section 9. Analog
Subsystem.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com