Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705P6A Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # 68HC705P6A
Description  General Release Specification
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705P6A Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button 68HC705P6A Datasheet HTML 45Page - Freescale Semiconductor, Inc 68HC705P6A Datasheet HTML 46Page - Freescale Semiconductor, Inc 68HC705P6A Datasheet HTML 47Page - Freescale Semiconductor, Inc 68HC705P6A Datasheet HTML 48Page - Freescale Semiconductor, Inc 68HC705P6A Datasheet HTML 49Page - Freescale Semiconductor, Inc 68HC705P6A Datasheet HTML 50Page - Freescale Semiconductor, Inc 68HC705P6A Datasheet HTML 51Page - Freescale Semiconductor, Inc 68HC705P6A Datasheet HTML 52Page - Freescale Semiconductor, Inc 68HC705P6A Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 134 page
background image
MC68HC705P6A — Rev. 1.0
General Release Specification
Input/Output Ports
General Release Specification — MC68HC705P6A
Section 6. Input/Output Ports
6.1 Contents
6.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .49
6.3
Port A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .50
6.4
Port B . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .51
6.5
Port C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .52
6.6
Port D . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .53
6.7
I/O Port Programming. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .54
6.2 Introduction
In the user mode, 20 bidirectional I/O lines are arranged as two 8-bit I/O
ports (ports A and C), one 3-bit I/O port (port B), and one 1-bit I/O port
(port D). These ports are programmable as either inputs or outputs
under software control of the data direction registers (DDRs). Port D also
contains one input-only pin.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com