Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705P6A Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # 68HC705P6A
Description  General Release Specification
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705P6A Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button 68HC705P6A Datasheet HTML 35Page - Freescale Semiconductor, Inc 68HC705P6A Datasheet HTML 36Page - Freescale Semiconductor, Inc 68HC705P6A Datasheet HTML 37Page - Freescale Semiconductor, Inc 68HC705P6A Datasheet HTML 38Page - Freescale Semiconductor, Inc 68HC705P6A Datasheet HTML 39Page - Freescale Semiconductor, Inc 68HC705P6A Datasheet HTML 40Page - Freescale Semiconductor, Inc 68HC705P6A Datasheet HTML 41Page - Freescale Semiconductor, Inc 68HC705P6A Datasheet HTML 42Page - Freescale Semiconductor, Inc 68HC705P6A Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 134 page
background image
MC68HC705P6A — Rev. 1.0
General Release Specification
Resets
General Release Specification — MC68HC705P6A
Section 4. Resets
4.1 Contents
4.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .39
4.3
External Reset (RESET). . . . . . . . . . . . . . . . . . . . . . . . . . . . . .40
4.4
Internal Resets . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .40
4.4.1
Power-On Reset (POR). . . . . . . . . . . . . . . . . . . . . . . . . . . .40
4.4.2
Computer Operating Properly (COP) Reset . . . . . . . . . . . .40
4.2 Introduction
The MCU can be reset from three sources: one external input and two
internal reset conditions. The RESET pin is a Schmitt trigger input as
shown in Figure 4-1. The CPU and all peripheral modules will be reset
by the RST signal which is the logical OR of internal reset functions and
is clocked by PH1.
Figure 4-1. Reset Block Diagram
D
RST
POWER-ON
RESET
(POR)
RESET
COP
WATCHDOG
(COPR)
VDD
OSC
DATA
ADDRESS
DFF
TO CPU AND
PERIPHERALS
PH1
RES
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com