Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 313 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 313 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 309Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 310Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 311Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 312Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 313Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 314Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 315Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 316Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 317Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 976 page
background image
The SPP DMA Controller Module (SPP_DMA2)
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
235
12.2.6
Initialization/Application Information
12.2.6.1
DMA Initialization
A typical initialization of the DMA would be:
1. write the DMACR register if a configuration other than the default is desired,
2. write the channel priority levels into the DCHPRIn registers if a configuration other than the
default is desired,
3. enable error interrupts in the DMAEEI registers if so desired,
4. write the 32 byte TCD for each channel that may request service,
5. enable any hardware service requests via the DMAERQ register,
6. request channel service by either software (setting the TCD.start bit) or by hardware (slave device
asserting its ipd_req signal).
Once any channel requests service, a channel is selected for execution based on the arbitration and priority
levels written into the programmer's model. The dma_engine will read the entire TCD for the selected
channel into its internal address path module. As the TCD is being read, the first transfer is initiated on the
AHB bus unless a configuration error is detected. Transfers from the source (as defined by the source
address, TCD.saddr) to the destination (as defined by the destination address, TCD.daddr) continue until
the specified number of bytes (TCD.nbytes) have been transferred. When the transfer is complete, the
dma_engine's local TCD.saddr, TCD.daddr, and TCD.citer are written back to the main TCD memory and
any minor loop channel linking is performed, if enabled. If the major loop is exhausted, further post
processing is executed, i.e. interrupts, major loop channel linking, and scatter/gather operations, if enabled.
12.2.6.2
DMA Programming Errors
The DMA performs various tests on the Transfer Control Descriptor to verify consitency in the descriptor
data. Most programming errors are reported on a per channel basis with the exception of Channel Priority
Error, CPE in the DMAES register respectively.
For all error types other than Channel Priority Errors, the channel number causing the error is recorded in
the DMAES register. If the error source is not removed before the next activation of the problem channel,
the error will be detected and recorded again.
In general, if priority levels are not unique, the highest channel priority that has an active request will be
selected, but the lowest numbered channel with that priority will be selected by arbitration and executed
by the dma_engine. The hardware service request handshake signals, error interrupts and error reporting
will be associated with the selected channel.
12.2.6.3
DMA Arbitration Mode Considerations
12.2.6.3.1
Fixed Channel Arbitration
In this mode, the channel service request from the highest priority channel will be selected to execute.
Preemption is available in this scenario only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com