Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 314 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 314 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 310Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 311Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 312Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 313Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 314Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 315Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 316Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 317Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 318Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 976 page
background image
The SPP DMA Controller Module (SPP_DMA2)
MAC7200 Microcontroller Family Reference Manual, Rev. 2
236
Freescale Semiconductor
12.2.6.3.2
Round Robin Channel Arbitration
Channels are serviced starting with the highest channel number and rotating through to the lowest channel
number without regard to channel priority levels.
All channels are treated equally. Priority levels are not used in round robin mode.
12.2.6.4
DMA Transfer
12.2.6.4.1
Single request
To perform a simply transfer of ’n’ bytes of data with one activation, set the major loop to one (TCD.citer
= TCD.biter = 1). The data transfer will begin after the channel service request is acknowledged and the
channel is selected to execute. Once the transfer is complete, the TCD.done bit will be set and an interrupt
will be generated if properly enabled.
For example, the following TCD entry is configured to transfer 16 bytes of data. The DMA is programmed
for one iteration of the major loop transferring 16 bytes per iteration. The source memory has a byte wide
memory port located at 0x1000. The destination memory has a word wide port located at 0x2000. The
address offsets are programmed in increments to match the size of the transfer; one byte for the source and
four bytes for the destination. The final source and destination addresses are adjusted to return to their
beginning values.
TCD.citer
= TCD.biter = 1
TCD.nbytes
= 16
TCD.saddr
= 0x1000
TCD.soff
= 1
TCD.ssize
= 0
TCD.slast
= -16
TCD.daddr
= 0x2000
TCD.doff
= 4
TCD.dsize
= 2
TCD.dlast_sga
= -16
TCD.int_maj
= 1
TCD.start
= 1 (TCD.word7 should be written last after all other fields have been initialized)
All other TCD fields = 0
This would generate the following sequence of events:
1. IPS write to the TCD.start bit requests channel service,
2. the channel is selected by arbitration for servicing,
3. dma_engine writes: TCD.done = 0, TCD.start = 0, TCD.active = 1,
4. dma_engine reads: channel TCD data from local memory to internal register file,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com