Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 310 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 310 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 306Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 307Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 308Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 309Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 310Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 311Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 312Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 313Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 314Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 976 page
background image
The SPP DMA Controller Module (SPP_DMA2)
MAC7200 Microcontroller Family Reference Manual, Rev. 2
232
Freescale Semiconductor
12.2.5
DMA Performance
This section addresses the performance of the DMA module, focusing on two separate metrics. In the
traditional data movement context, performance is best expressed as the peak data transfer rates achieved
using the DMA. In most implementations, this transfer rate is limited by the speed of the source and
destination address spaces. In a second context where device-paced movement of single data values
to/from peripherals is dominant, a measure of the requests which can be serviced in a fixed time is a more
interesting metric. In this environment, the speed of the source and destination address spaces remains
important, but the microarchitecture of the DMA also factors significantly into the resulting metric.
The peak transfer rates for several different source and destination transfers are shown in Figure 12-29.
The following assumptions apply to Figure 12-29 and Figure 12-30:
•
Platform SRAM can be accessed with zero wait-states when viewed from the AMBA-AHB data
phase
•
All IPS reads require two wait-states, and IPS writes three wait-states, again viewed from the
system bus data phase
•
All IPS accesses are 32-bits in size
Table 12-29 presents a peak transfer rate comparison, measured in MBytes per sec.
int_half
Enable an interrupt when major counter is half complete. If this flag is set, the channel generates an interrupt
request by setting the appropriate bit in the DMAINT register when the current major iteration count reaches
the halfway point. Specifically, the comparison performed by the dma_engine is (citer == (biter >> 1)). This
halfway point interrupt request is provided to support double-buffered schemes or other types of data
movement where the processor needs an early indication of the transfer’s progress. The halfway complete
interrupt is disabled when biter values are less than two.
0 The half-point interrupt is disabled.
1 The half-point interrupt is enabled.
int_maj
Enable an interrupt when major iteration count completes. If this flag is set, the channel generates an interrupt
request by setting the appropriate bit in the DMAINT register when the current major iteration count reaches
zero.
0 The end-of-major loop interrupt is disabled.
1 The end-of-major loop interrupt is enabled.
start
Channel start. If this flag is set, the channel is requesting service. The DMA hardware automatically clears
this flag after the channel begins execution.
0 The channel is not explicitly started.
1 The channel is explicitly started via a software initiated service request.
Table 12-29. DMA Peak Transfer Rates [MBytes/sec]
Platform Speed,
Width
Platform SRAM-to-
Platform SRAM
32b IPS-to-
Platform SRAM
Platform SRAM-to-
32b IPS
66.7 MHz, 32b
133.3
66.7
53.3
Table 12-28. TCDn Word 7 (TCDn.{biter, control/status}) Field Descriptions (Continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com