Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 306 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 306 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 302Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 303Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 304Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 305Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 306Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 307Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 308Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 309Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 310Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 976 page
background image
The SPP DMA Controller Module (SPP_DMA2)
MAC7200 Microcontroller Family Reference Manual, Rev. 2
228
Freescale Semiconductor
Figure 12-22 and Table 12-26 define word 5 of the TCDn structure, the citer and doff fields.
Table 12-25. TCDn Word 4 (TCDn.daddr) Field Descriptions
Field
Description
31–0
daddr[31:0]
Destination address. Memory address pointing to the destination data.
Register address: DMA_Offset + 0x1000 + (32 x n) + 0x14
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Rciter.
e_link
citer[14:9] or
citer.linkch[5:0]
citer[8:0]
W
Reset
—
———————————————
15
14
13
12
11
10
9876543210
R
doff[15:0]
W
Reset
—
———————————————
= Unimplemented
Figure 12-22. TCDn Word 5 (TCDn.{citer,doff}) Fields
Table 12-26. TCDn Word 5 (TCDn.{doff,citer}) Field Descriptions
Field
Description
31
citer.e_link
Enable channel-to-channel linking on minor loop complete. As the channel completes the inner minor loop, this flag
enables the linking to another channel, defined by citer.linkch[5:0]. The link target channel initiates a channel
service request via an internal mechanism that sets the TCD.start bit of the specified channel. If channel linking is
disabled, the citer value is extended to 15 bits in place of a link channel number. If the "major" loop is exhausted,
this link mechanism is suppressed in favor of the major.e_link channel linking. This bit must be equal to the
biter.e_link bit otherwise a configuration error will be reported.
0 The channel-to-channel linking is disabled.
1 The channel-to-channel linking is enabled.
30–25
citer[14:9]
or
citer.linkch
[5:0]
Current “major” iteration count or Link channel number. If (TCD.citer.e_link = 0) then
No channel-to-channel linking (or chaining) is performed after the inner "minor" loop is exhausted. TCD word 5,
bits [30:25] are used to form a 15 bit citer field.
else
After the "minor" loop is exhausted, the dma_engine initiates a channel service request at the channel defined by
citer.linkch[5:0] by setting that channel’s TCD.start bit. The value contained in citer.linkch[5:0] must not exceed the
number of implemented channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com