Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 303 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 303 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 299Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 300Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 301Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 302Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 303Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 304Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 305Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 306Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 307Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 976 page
background image
The SPP DMA Controller Module (SPP_DMA2)
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
225
Register address: DMA_Offset + 0x1000 + (32 x n) + 0x04
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
smod[4:0]
ssize[2:0]
dmod[4:0]
dsize[2:0]
W
Reset
————————————————
15
14
13
12
11
10
9876543210
R
soff[15:0]
W
Reset
————————————————
= Unimplemented
Figure 12-18. TCDn Word 1 (TCDn.{soff,smod,ssize,dmod,dsize}) Fields
Table 12-22. TCDn Word 1 (TCDn.{smod,ssize,dmod,dsize,soff}) Field Descriptions
Field
Description
31–27
smod[4:0]
Source address modulo.
0
Source address modulo feature is disabled.
non-0 The value defines a specific address bit which is selected to be either the value after saddr + soff calculation
is performed or the original register value. This feature provides the ability to easily implement a circular data
queue. For data queues requiring power-of-2 “size” bytes, the queue should be based at a 0-modulo-size
address and the smod field set to the appropriate value to freeze the upper address bits. The bit select is
defined as ((1 << smod[4:0]) - 1) where a resulting 1 in a bit location selects the next state address for the
corresponding address bit location and a 0 selects the original register value for the corresponding address
bit location. For this application, the soff is typically set to the transfer size to implement post-increment
addressing with the smod function constraining the addresses to a 0-modulo-size range.
26–24
ssize[2:0]
Source data transfer size.
000
8-bit
001 16-bit
010 32-bit
011 64-bit
100 16-byte (32-bit implementations only)
101 32-byte (if supported by the platform)
110 Reserved
111 Reserved
The attempted specification of a 64-bit source size in a 32-bit AMBA AHB bus implementation produces a
configuration error. Likewise, the attempted specification of a 16-byte source size in a 64-bit AMBA AHB bus
implementation generates a configuration error. The attempted specification of a 32-byte burst on platforms that do
not support such a transfer type will result in a configuration error.
23–19
dmod[4:0]
Destination address modulo. See the smod[5:0] definition.
18–16
dsize[2:0]
Destination data transfer size. See the ssize[2:0] definition.
15–0
soff[15:0]
Source address signed offse. Sign-extended offset applied to the current source address to form the next-state
value as each source read is completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com