Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 301 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 301 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 297Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 298Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 299Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 300Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 301Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 302Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 303Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 304Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 305Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 976 page
background image
The SPP DMA Controller Module (SPP_DMA2)
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
223
range of the priority value is limited to the values of 0 through 15. See Figure 12-2 and Table 12-5 for the
DMACR definition.
Channel preemption is enabled on a per channel basis by setting the ECP bit in the DCHPRIn register.
Channel preemption allows the executing channel’s data transfers to be temporarily suspended in favor of
starting a higher priority channel. Once the preempting channel has completed all of its minor loop data
transfers, the preempted channel is restored and resumes execution. After the restored channel completes
one read/write sequence, it is again eligible for preemption. If any higher priority channel is requesting
service, the restored channel will be suspended and the higher priority channel will be serviced. Nested
preemption (attempting to preempt a preempting channel) is not supported. Once a preempting channel
begins execution, it cannot be preempted. Preemption is only available when fixed arbitration is selected
for channel arbitration modes. See Figure 12-16 and Table 12-19 for the DCHPRIn definition.
12.2.4.1.16
Transfer Control Descriptor (TCD)
Each channel requires a 32-byte transfer control descriptor for defining the desired data movement
operation. The TCD structure was previously discussed in detail in Section 12.2.2, “Features.” The
channel descriptors are stored in the local memory in sequential order: channel 0, channel 1, ... channel
[n-1]. The definitions of the TCD are presented as eight 32-bit values. Table 12-20 is a 32-bit view of the
basic TCD structure.
Register address: DMA_Offset + 0x100 + n
76543210
R ECP
0
0
0
CHPRI[3:0]
W
Reset
0
******
= Unimplemented,
*
= defaults to channel number (n) after reset
Figure 12-16. DMA Channel n Priority (DCHPRIn) Register
Table 12-19. DCHPRIn Field Descriptions
Field
Description
7
ECP
Enable Channel Preemption.
0 Channel n cannot be suspended by a higher priority channel’s service request.
1 Channel n can be temporarily suspended by the service request of a higher priority channel.
6-4
Reserved, should be cleared.
3–0
CHPRI[3:0]
Channel n Arbitration Priority. Channel priority when fixed-priority arbitration is enabled.
Table 12-20. TCDn 32-bit Memory Structure
DMA Offset
TCDn Field
0x1000 + (32 x n) + 0x00
Source Address (saddr)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com