Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 300 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 300 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 296Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 297Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 298Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 299Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 300Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 301Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 302Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 303Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 304Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 976 page
background image
The SPP DMA Controller Module (SPP_DMA2)
MAC7200 Microcontroller Family Reference Manual, Rev. 2
222
Freescale Semiconductor
12.2.4.1.15
DMA Channel n Priority (DCHPRIn), n = 0,..., {15,31,63}
When the fixed-priority channel arbitration mode is enabled (DMACR[ERCA] = 0), the contents of these
registers define the unique priorities associated with each channel. The channel priorities are evaluated by
numeric value, i.e., 0 is the lowest priority, 1 is the next higher priority, then 2, 3, etc. Software must
program the channel priorities with unique values, otherwise a configuration error will be reported. The
Register address: DMA_Offset + 0x0028 (DMAERRH), +0x002c (DMAERRL)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
0000000000000000
W
Reset
0000000000000000
15
14
13
12
11
10
9876543210
R
0000000000000000
W
Reset
0000000000000000
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
0000000000000000
W
Reset
0000000000000000
15
14
13
12
11
10
9876543210
R
W
Reset
0000000000000000
= Unimplemented
Figure 12-15. DMA Error (DMAERRH, DMAERRL) Registers
Table 12-18. DMAERRH, DMAERRL Field Descriptions
Field
Description
31–16
DMA Error n.
0 An error in channel n has not occurred.
1 An error in channel n has occurred.
15–0
ERRn,
n = 0,... 15
DMA Error n.
0 An error in channel n has not occurred.
1 An error in channel n has occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com