Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 299 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 299 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 295Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 296Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 297Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 298Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 299Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 300Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 301Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 302Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 303Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 976 page
background image
The SPP DMA Controller Module (SPP_DMA2)
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
221
12.2.4.1.14
DMA Error (DMAERRH, DMAERRL)
The DMAERR{H,L} registers provide a bit map for the implemented channels {16,32,64} signaling the
presence of an error for each channel. DMAERRH supports channels 63-32, while DMAERRL covers
channels 31-00. The dma_engine signals the occurrence of a error condition by setting the appropriate bit
in this register. The outputs of this register are enabled by the contents of the DMAEEI register, then
logically summed across groups of 16, 32 and 64 channels to form several group error interrupt requests
which is then routed to the platform’s interrupt controller. During the execution of the interrupt service
routine associated with any DMA errors, it is software’s responsibility to clear the appropriate bit, negating
the error interrupt request. Typically, a write to the DMACERR register in the interrupt service routine is
used for this purpose. Recall the normal DMA channel completion indicators, setting the transfer control
descriptor done flag and the possible assertion of an interrupt request, are not affected when an error is
detected.
The contents of this register can also be polled and a non-zero value indicates the presence of a channel
error, regardless of the state of the DMAEEI register. The state of any given channel’s error indicators is
affected by writes to this register; it is also affected by writes to the DMACERR register. On writes to the
DMAERR, a one in any bit position clears the corresponding channel’s error status. A zero in any bit
position has no affect on the corresponding channel’s current error status. The DMACERR register is
provided so the error indicator for a single channel can easily be cleared. See Figure 12-15 and Table 12-18
for the DMAERR definition.
Table 12-17. DMAINTH, DMAINTL Field Descriptions
Field
Description
31–16
Reserved, should be cleared.
15–0
INTn,
n = 0,... 15
DMA Interrupt Request n.
0 The interrupt request for channel n is cleared.
1 The interrupt request for channel n is active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com