Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 302 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 302 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 298Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 299Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 300Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 301Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 302Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 303Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 304Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 305Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 306Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 976 page
background image
The SPP DMA Controller Module (SPP_DMA2)
MAC7200 Microcontroller Family Reference Manual, Rev. 2
224
Freescale Semiconductor
Figure 12-17 and Table 12-21 define word 0 of the TCDn structure, the saddr field.
Figure 12-18 and Table 12-22 define word 1 of the TCDn structure, the soff and transfer attribute fields.
0x1000 + (32 x n) + 0x04
Transfer Attributes
(smod, ssize, dmod, dsize)
Signed Source Address Offset (soff)
0x1000 + (32 x n) + 0x08
Inner “Minor” Byte Count (nbytes)
0x1000 + (32 x n) + 0x0c
Last Source Address Adjustment (slast)
0x1000 + (32 x n) + 0x10
Destination Address (daddr)
0x1000 + (32 x n) + 0x14
Current “Major” Iteration Count (citer)
Signed Destination Address Offset (doff)
0x1000 + (32 x n) + 0x18
Last Destination Address Adjustment/Scatter Gather Address (dlast_sga)
0x1000 + (32 x n) + 0x1c
Beginning “Major” Iteration Count (biter)
Channel Control/Status
(bwc, major.linkch, done, active, major.e_link,
e_sg, d_req, int_half, int_maj, start)
Register address: DMA_Offset + 0x1000 + (32 x n) + 0x00
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
saddr[31:16]
W
Reset
————————————————
15
14
13
12
11
10
9876543210
R
saddr[15:00]
W
Reset
————————————————
= Unimplemented
Figure 12-17. TCDn Word 0 (TCDn.saddr) Field
Table 12-21. TCDn Word 0 (TCDn.saddr) Field Description
Field
Description
31–0
saddr[31:0]
Source address. Memory address pointing to the source data.
Table 12-20. TCDn 32-bit Memory Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com