| Electronic Components Datasheet Search |
|
MAC7200 Datasheet(PDF) 191 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 Datasheet(HTML) 191 Page - Freescale Semiconductor, Inc |
|
191 / 976 page ![]() Peripheral Bus Memory Map MAC7200 Microcontroller Family Reference Manual, Rev. 2 Freescale Semiconductor 113 9.8.3 8-bit register accesses A read to the above register will result in the following values: All other accesses (i.e.-16-bit READ from $0000 0001) are not allowed. It is possible to enable bus aborts on illegal register accesses. Please refer to Chapter 25, “System Service Module (SSM_MAC7202)” for more information on this. 9.9 Peripheral Bus Memory Map The Peripheral Bus bridge (AIPS) is located on a slave port of the AXBS crossbar switch with a reset value of $E000 0000, and is not relocatable. However, the Peripheral Bus modules are located above this boundary, at $FC00 0000. Table 9-11 shows the address of all Peripheral Bus modules. 70 $0000 0000 8-bit Register REG 8-bit READ from $0000 0000 returns REG[7:0] 16-bit READ from $0000 0000 returns REG[7:0] + the next 8 bits in the memory map 32-bit READ from $0000 0000 returns REG[7:0] + the next 24 bits in the memory map Table 9-11. Peripheral Bus Memory Map Address Module Size (Bytes) (O)PACR $FC00 0000 - $FC00 3FFF AMBA to IP Bus Bridge (AIPS) Configuration Registers 16K PACR0 $FC00 4000 - $FC00 7FFF ARM Crossbar Switch (AXBS) Configuration Registers 16K PACR1 $FC00 8000 - $FC00 BFFF External Interface Module (EIM) Configuration Registers 16K PACR2 $FC00 C000 - $FC03 FFFF Reserved 208K $FC04 0000 - $FC04 3FFF Miscellaneous Control Module (MCM) 16K PACR16 $FC04 4000 - $FC04 7FFF Enhanced Direct Memory Access Controller (eDMAC) 16K PACR17 $FC04 8000 - $FC04 BFFF Interrupt Controller (INTC) 16K PACR18 $FC04 C000 - $FC07 FFFF Reserved 212K $FC08 0000 - $FC08 3FFF System services Module (SSM) 16K OPACR0 $FC08 4000 - $FC08 7FFF DMA Channel Multiplexer (DMA_CH_MUX) 16K OPACR1 $FC08 8000 - $FC08 BFFF Clock and Reset Generator (CRG) 16K OPACR2 $FC08 C000 - $FC08 FFFF Programmable Interval Timer (PIT) 16K OPACR3 $FC09 0000 - $FC09 3FFF Reserved 16K $FC09 4000 - $FC09 7FFF CAN controller 0 (FlexCAN_A) 16K OPACR5 $FC09 8000 - $FC09 BFFF CAN controller 1 (FlexCAN_B) 16K OPACR6 $FC09 C000 - $FC09 FFFF Reserved 16K $FC0A 0000 - $FC0A 3FFF Reserved 16K $FC0A 4000 - $FC0A 7FFF Reserved 16K $FC0A 8000 - $FC0A BFFF Reserved 16K $FC0A C000 - $FC0A FFFF Inter-IC bus (IIC) 16K OPACR11 $FC0B 0000 - $FC0B 3FFF Reserved 16K $FC0B 4000 - $FC0B 7FFF Serial Peripheral Interface 0 (DSPI_A) 16K OPACR13 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |