Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 195 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 195 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 191Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 192Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 193Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 194Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 195Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 196Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 197Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 198Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 199Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 976 page
background image
Shadow Block Memory Map
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
117
NOTE
Accesses to areas not mapped will produce a Prefetch or Data Abort
exception (depending on the access type).
9.13
Shadow Block Memory Map
The 32K Shadow Block is always available at FLASH_BASE + $00F0 0000 (when the Flash is available
in the memory map). In addition, when resetting into PBL mode, it is mirrored at address $0000 0000.
When the Flash Main Array is not available in the memory map (for security reasons), the Shadow Block
is also unavailable.
Table 9-15. MAC72x2 Flash Main Array Memory Map
Function
Partition (Size)
Block (Size)
Address Offset
LAS
Partition 0 (256K)
LAS Block 0 (128K)
$0000 0000
$0001 FFFF
LAS Block 1 (128K)
$0002 0000
$0003 FFFF
MAS
Partition 1 (32K)
MAS Block 0 (16K)
$0004 0000
$0004 3FFF
MAS Block 1 (16K)
$0004 4000
$0004 7FFF
Partition 2 (32K)
MAS Block 2 (16K)
$0004 8000
$0004 BFFF
MAS Block 3 (16K)
$0004 C000
$0004 FFFF
MAS
—
Not Mapped on MAC72x2
$0005 0000
$0007 FFFF
HAS
—
Not Mapped on MAC72x2
$0008 0000
$000F FFFF
—
—
Not Mapped
$0010 0000
$00EF FFFF
—
—
Shadow Block (32K)
$00F0 0000
$00F0 7FFF
Table 9-16. Shadow Block Memory Map1
Address Offset
Function
$0000 0000
$0000 7DDF
Shadow Block (User Area)
$0000 7DE0
System Censor Word
$0000 7DE8
LML Register Shadow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com