Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 198 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 198 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 194Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 195Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 196Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 197Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 198Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 199Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 200Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 201Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 202Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 976 page
background image
Memory Map Relocation
MAC7200 Microcontroller Family Reference Manual, Rev. 2
120
Freescale Semiconductor
9.16.2
Changing Chip Modes
Since changing the security mode of the Flash requires a system reset afterwards, the chip modes can only
be switched by resetting the device, and re-applying the correct signals to the MODA/MODB pins.
9.16.3
Resource Relocation Summary
Also refer to Chapter 2, “Modes of Operation”.
9.16.3.1
FlexBus
The FlexBus is generally software relocatable (via the AAMR register in the MCM) to the following
addresses:
•
$0000 0000
•
$2000 0000
9.16.3.2
Flash Main Array
The Flash Main Array is generally software relocatable (via the AAMR register in the MCM) to the
following addresses:
•
$0000 0000
•
$2000 0000
9.16.3.3
Shadow Block
The relocation of the Shadow Block is done by relocating the Flash main array.
In Normal/Secured Bootloader Mode, where the Shadow Block is relocated to address $0000 0000, once
another resource (like the SRAM) has been relocated to address $0000 0000, the Shadow Block can not
be relocated back to address $0000 0000 without resetting the device. The exact mechanism for this is
described in Section 9.16.4, “Programming the AAMR register in the MCM”.
SRAM
Unused
SRAM
BAM
Peripheral Bus
SRAM
FLASH
SRAM
BAM
Peripheral Bus
SRAM
FlexBus
SRAM
BAM
Peripheral Bus
SRAM
SRAM
SRAM
BAM
Peripheral Bus
BAM
FLASH
SRAM
BAM
Peripheral Bus
1. The Shadow Block is not included in the above table, because it is generally not relocatable. In Normal/Secured
Bootloader Modes, the Shadow Block is located at address $0000 0000 at reset, but is not relocatable after reset. In
all other modes, if the Flash is available, then the Shadow Block is also available (at FLASH_BASE + $00F0 0000).
Table 9-19. Possible Memory Map Configurations1 (Continued)
$0000 0000
$2000 0000
$4000 0000
$A000 0000
$E000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com