| Electronic Components Datasheet Search |
|
MAC7200 Datasheet(PDF) 187 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 Datasheet(HTML) 187 Page - Freescale Semiconductor, Inc |
|
187 / 976 page ![]() Secured Single Chip Mode MAC7200 Microcontroller Family Reference Manual, Rev. 2 Freescale Semiconductor 109 After Reset, the memory map may be re-mapped using the AAMR register in the MCM module. The allowed combinations are shown in Table 9-6. The Peripheral Bus space is always fixed at $FC00 0000, and is not re-mappable. 9.5 Secured Single Chip Mode Secured Single Chip Mode is typically used to execute application code in the final application, where a software bootloader is not required. Booting is done from the Flash Main Array, with limited device functionality. In this mode, the following functionality is available: • Debug functionality (EICE, Nexus and the JTAG interface) is disabled — SC4 chain is still enabled • External Bus Interface is disabled • Flash main array access is enabled • Shadow Block access is enabled • Boot from the Flash main array Table 9-7 shows the device memory map of the device in Secured Single Chip Mode after Reset. The memory map for this mode differs from the memory map in Normal Single Chip Mode as follows: • The External Bus Interface is not available 2. The SRAM is mirrored across the entire 512MByte address range on a 32K boundary. Therefore, the first word in SRAM may be read from or written to using address $4000 0000 or address $4000 8000 or address $4001 0000, etc. Table 9-6. Allowed Memory Maps in Normal Expanded Mode $0000 0000 $2000 0000 $4000 0000 AAMR Register External Bus Flash Main Array SRAM $f0d0 0b89 Unused Flash Main Array SRAM $f0d0 0b80 SRAM Flash Main Array SRAM $f0d0 0b8b Flash Main Array External Bus SRAM $f0d0 0b98 External Bus External Bus SRAM $f0d0 0b99 Unused External Bus SRAM $f0d0 0b90 SRAM External Bus SRAM $f0d0 0b9b Flash Main Array Unused SRAM $f0d0 0b08 External Bus Unused SRAM $f0d0 0b09 Unused Unused SRAM $f0d0 0b00 SRAM Unused SRAM $f0d0 0b0b Flash Main Array SRAM SRAM $f0d0 0bb8 External Bus SRAM SRAM $f0d0 0bb9 Unused SRAM SRAM $f0d0 0bb0 SRAM SRAM SRAM $f0d0 0bbb |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |