Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM3U Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATSAM3U
Description  AT91ARM Cortex M3-based Microcontrollers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3U Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATSAM3U Datasheet HTML 7Page - ATMEL Corporation ATSAM3U Datasheet HTML 8Page - ATMEL Corporation ATSAM3U Datasheet HTML 9Page - ATMEL Corporation ATSAM3U Datasheet HTML 10Page - ATMEL Corporation ATSAM3U Datasheet HTML 11Page - ATMEL Corporation ATSAM3U Datasheet HTML 12Page - ATMEL Corporation ATSAM3U Datasheet HTML 13Page - ATMEL Corporation ATSAM3U Datasheet HTML 14Page - ATMEL Corporation ATSAM3U Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
11
6430CS–ATARM–09-Apr-10
SAM3U Series
4.1.4
144-ball LFBGA Pinout
Table 4-2.
144-ball SAM3U4/2/1E Pinout
A1
VBG
D1
DFSDM
G1
PB0
K1
PB7
A2
VDDUTMI
D2
DHSDM
G2
PC26
K2
PC31
A3
PB9
D3
GNDPLL
G3
PB2
K3
PC29
A4
PB10
D4
PC14
G4
PC25
K4
PB3
A5
PB19
D5
PB21
G5
PB1
K5
PB4
A6
PC21
D6
PB23
G6
GND
K6
PA14/PGMD6
A7
PB26
D7
PB24
G7
GND
K7
PA16/PGMD8
A8
TCK/SWCLK
D8
PB28
G8
VDDCORE
K8
PA18/PGMD10
A9
PB30
D9
TDI
G9
PC4
K9
PC20
A10
TDO/TRACESWO
D10
VDDBU
G10
PA6/PGMM2
K10
PA1/PGMRDY
A11
XIN32
D11
PA10/PGMD2
G11
PA7/PGMM3
K11
PC1
A12
XOUT32
D12
PA11/PGMD3
G12
PC6
K12
PC2
B1
VDDCORE
E1
PC22
H1
PC24
L1
PC30
B2
GNDUTMI
E2
PA28
H2
PC27
L2
ADVREF
B3
XOUT
E3
PC19
H3
PA27
L3
AD12BVREF
B4
PB14
E4
VDDCORE
H4
PB12
L4
PA22/PGMD14
B5
PB17
E5
GND
H5
PB11
L5
PC17
B6
PB22
E6
VDDIO
H6
GND
L6
PC10
B7
PB25
E7
GNDBU
H7
VDDCORE
L7
PC12
B8
PB29
E8
NRST
H8
PB16
L8
PA19/PGMD11
B9
VDDIN
E9
PB31
H9
PB15
L9
PA23/PGMD15
B10
JTAGSEL
E10
PA12/PGMD4
H10
PC3
L10
PA0/PGMNCMD
B11
ERASE
E11
PA8/PGMD0
H11
PA5/PGMM1
L11
PA26
B12
SHDN
E12
PC8
H12
PC5
L12
PC0
C1
DFSDP
F1
PA31
J1
PB5
M1
VDDANA
C2
DHSDP
F2
PA29
J2
PB6
M2
GNDANA
C3
XIN
F3
PC23
J3
PC28
M3
PA30
C4
VDDPLL
F4
VDDCORE
J4
PB8
M4
PC15
C5
PB18
F5
VDDIO
J5
PB13
M5
PC16
C6
PB20
F6
GND
J6
VDDIO
M6
PC18
C7
PB27
F7
GND
J7
PA13/PGMD5
M7
PA15/PGMD7
C8
TMS/SWDIO
F8
VDDIO
J8
PA17/PGMD9
M8
PC11
C9
VDDOUT
F9
PC9
J9
PC13
M9
PA20/PGMD12
C10
NRSTB
F10
PA9/PGMD1
J10
PA2/PGMNOE
M10
PA21/PGMD13
C11
TST
F11
VDDCORE
J11
PA3/PGMNVALID
M11
PA24
C12
FWUP
F12
PC7
J12
PA4/PGMM0
M12
PA25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com