Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM3U Datasheet(PDF) 52 Page - ATMEL Corporation

Part # ATSAM3U
Description  AT91ARM Cortex M3-based Microcontrollers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3U Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button ATSAM3U Datasheet HTML 48Page - ATMEL Corporation ATSAM3U Datasheet HTML 49Page - ATMEL Corporation ATSAM3U Datasheet HTML 50Page - ATMEL Corporation ATSAM3U Datasheet HTML 51Page - ATMEL Corporation ATSAM3U Datasheet HTML 52Page - ATMEL Corporation ATSAM3U Datasheet HTML 53Page - ATMEL Corporation ATSAM3U Datasheet HTML 54Page - ATMEL Corporation ATSAM3U Datasheet HTML 55Page - ATMEL Corporation ATSAM3U Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 62 page
background image
52
6430CS–ATARM–09-Apr-10
SAM3U Series
12.8
High Speed Multimedia Card Interface (HSMCI)
• Compatibility with MultiMedia Card Specification Version 4.3
• Compatibility with SD Memory Card Specification Version 2.0
• Compatibility with SDIO Specification Version V2.0.
• Compatibility with CE-ATA Specification 1.1
• Cards clock rate up to Master Clock divided by 2
• Boot Operation Mode support
• High Speed mode support
• Embedded power management to slow down clock rate when not used
• HSMCI has one slot supporting
– One MultiMediaCard bus (up to 30 cards) or
– One SD Memory Card
– One SDIO Card
• Support for stream, block and multi-block data read and write
• Supports Connection to DMA controller
– Minimizes Processor intervention for large buffer transfers
• Built in FIFO (32 bytes) with large Memory Aperture Supporting Incremental access
• Support for CE-ATA Completion Signal Disable Command
12.9
USB High Speed Device Port (UDPHS)
• USB V2.0 high-speed compliant, 480 MBits per second
• Embedded USB V2.0 UTMI+ high-speed transceiver
• Embedded 4-Kbyte dual-port RAM for endpoints
• Embedded 6 channels DMA controller
• Suspend/Resume logic
• Up to 2 or 3 banks for isochronous and bulk endpoints
• Seven endpoints, configurable by software
• Maximum configuration: seven endpoints:
– Endpoint 0: 64 bytes, 1 bank mode
– Endpoint 1 & 2: 512 bytes, 2 banks mode, HS isochronous capable
– Endpoint 3 & 4:64 bytes, 3 banks mode
– Endpoint 5 & 6: 1024 bytes, 3 banks mode, HS isochronous capable
12.10 Analog-to-Digital Converter (ADC)
Two ADCs are embedded in the product.
12.10.1
12-bit High Speed ADC
• 8-channel ADC
• 12-bit 1 Msamples/sec. Cyclic Pipeline ADC
• Integrated 8-to-1 multiplexer
• 12-bit resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com