Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM3U Datasheet(PDF) 51 Page - ATMEL Corporation

Part # ATSAM3U
Description  AT91ARM Cortex M3-based Microcontrollers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3U Datasheet(HTML) 51 Page - ATMEL Corporation

Back Button ATSAM3U Datasheet HTML 47Page - ATMEL Corporation ATSAM3U Datasheet HTML 48Page - ATMEL Corporation ATSAM3U Datasheet HTML 49Page - ATMEL Corporation ATSAM3U Datasheet HTML 50Page - ATMEL Corporation ATSAM3U Datasheet HTML 51Page - ATMEL Corporation ATSAM3U Datasheet HTML 52Page - ATMEL Corporation ATSAM3U Datasheet HTML 53Page - ATMEL Corporation ATSAM3U Datasheet HTML 54Page - ATMEL Corporation ATSAM3U Datasheet HTML 55Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 62 page
background image
51
6430CS–ATARM–09-Apr-10
SAM3U Series
– Pulse Generation
–Delay Timing
– Pulse Width Modulation
– Up/Down Capabilities
– Quadrature Decoder Logic
• Each channel is user-configurable and contains:
– Three external clock inputs
– Five internal clock inputs
– Two multi-purpose input/output signals
• Two global registers that act on all three TC Channels
12.7
Pulse Width Modulation Controller (PWM)
• 4 channels, one 16-bit counter per channel
• Common clock generator, providing Thirteen Different Clocks
– A Modulo n counter providing eleven clocks
– Two independent Linear Dividers working on modulo n counter outputs
– High Frequency Asynchronous clocking mode
• Independent channel programming
– Independent Enable Disable Commands
– Independent Clock Selection
– Independent Period and Duty Cycle, with Double Buffering
– Programmable selection of the output waveform polarity
– Programmable center or left aligned output waveform
– Independent Output Override for each channel
– Independent complementary Outputs with 12-bit dead time generator for each
channel
– Independent Enable Disable Commands
– Independent Clock Selection
– Independent Period and Duty Cycle, with Double Buffering
• Synchronous Channel mode
– Synchronous Channels share the same counter
– Mode to update the synchronous channels registers after a programmable number
of periods
• Connection to one PDC channel
– Offers Buffer transfer without Processor Intervention, to update duty cycle of
synchronous channels
• Two independent event lines which can send up to 8 triggers on ADC within a period
• Four programmable Fault Inputs providing asynchronous protection of outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com