Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC245APWLE Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LVC245APWLE
Description  OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC245APWLE Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC245APWLE Datasheet HTML 1Page - Texas Instruments SN74LVC245APWLE Datasheet HTML 2Page - Texas Instruments SN74LVC245APWLE Datasheet HTML 3Page - Texas Instruments SN74LVC245APWLE Datasheet HTML 4Page - Texas Instruments SN74LVC245APWLE Datasheet HTML 5Page - Texas Instruments SN74LVC245APWLE Datasheet HTML 6Page - Texas Instruments SN74LVC245APWLE Datasheet HTML 7Page - Texas Instruments SN74LVC245APWLE Datasheet HTML 8Page - Texas Instruments SN74LVC245APWLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
DIR
OE
A1
B1
To Seven Other Channels
1
2
19
18
Pin numbers shown are for the DB, DGV, DW, N, NS, PW, and RGY packages.
SN74LVC245A
www.ti.com
SCAS218U – JANUARY 1993 – REVISED FEBRUARY 2010
LOGIC DIAGRAM (POSITIVE LOGIC)
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
6.5
V
VI
Input voltage range(2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high-impedance or power-off state(2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high or low state(2) (3)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through VCC or GND
±100
mA
DB package(4)
70
DGV package (4)
92
DW package (4)
58
GQN/ZQN package(4)
78
qJA
Package thermal impedance
°C/W
N package(4)
69
NS package(4)
60
PW package(4)
83
RGY package(5)
37
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The value of VCC is provided in the recommended operating conditions table.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
(5)
The package thermal impedance is calculated in accordance with JESD 51-5.
Copyright © 1993–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN74LVC245A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com