Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC245APWLE Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74LVC245APWLE
Description  OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC245APWLE Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC245APWLE Datasheet HTML 1Page - Texas Instruments SN74LVC245APWLE Datasheet HTML 2Page - Texas Instruments SN74LVC245APWLE Datasheet HTML 3Page - Texas Instruments SN74LVC245APWLE Datasheet HTML 4Page - Texas Instruments SN74LVC245APWLE Datasheet HTML 5Page - Texas Instruments SN74LVC245APWLE Datasheet HTML 6Page - Texas Instruments SN74LVC245APWLE Datasheet HTML 7Page - Texas Instruments SN74LVC245APWLE Datasheet HTML 8Page - Texas Instruments SN74LVC245APWLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
GQN OR ZQN PACKAGE
(TOP VIEW)
1
2
3
4
A
B
C
D
E
SN74LVC245A
SCAS218U – JANUARY 1993 – REVISED FEBRUARY 2010
www.ti.com
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PDIP – N
Tube of 20
SN74LVC245AN
SN74LVC245AN
QFN – RGY
Reel of 3000
SN74LVC245ARGYR
LC245A
Tube of 25
SN74LVC245ADW
SOIC – DW
LVC245A
Reel of 2000
SN74LVC245ADWR
SOP – NS
Reel of 2000
SN74LVC245ANSR
LVC245A
SSOP – DB
Reel of 2000
SN74LVC245ADBR
LC245A
–40°C to 85°C
Tube of 70
SN74LVC245APW
TSSOP – PW
Reel of 2000
SN74LVC245APWR
LC245A
Reel of 250
SN74LVC245APWT
TVSOP – DGV
Reel of 2000
SN74LVC245ADGVR
LC245A
VFBGA – GQN
SN74LVC245AGQNR
Reel of 1000
LC245A
VFBGA – ZQN (Pb-Free)
SN74LVC245AZQNR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
TERMINAL ASSIGNMENTS
1
2
3
4
A
A1
DIR
VCC
OE
B
A3
B2
A2
B1
C
A5
A4
B4
B3
D
A7
B6
A6
B5
E
GND
A8
B8
B7
FUNCTION TABLE
INPUTS
OPERATION
OE
DIR
L
L
B data to A bus
L
H
A data to B bus
H
X
Isolation
2
Submit Documentation Feedback
Copyright © 1993–2010, Texas Instruments Incorporated
Product Folder Link(s): SN74LVC245A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com