Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC245APWLE Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74LVC245APWLE
Description  OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC245APWLE Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC245APWLE Datasheet HTML 1Page - Texas Instruments SN74LVC245APWLE Datasheet HTML 2Page - Texas Instruments SN74LVC245APWLE Datasheet HTML 3Page - Texas Instruments SN74LVC245APWLE Datasheet HTML 4Page - Texas Instruments SN74LVC245APWLE Datasheet HTML 5Page - Texas Instruments SN74LVC245APWLE Datasheet HTML 6Page - Texas Instruments SN74LVC245APWLE Datasheet HTML 7Page - Texas Instruments SN74LVC245APWLE Datasheet HTML 8Page - Texas Instruments SN74LVC245APWLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
SN74LVC245A
www.ti.com
SCAS218U – JANUARY 1993 – REVISED FEBRUARY 2010
ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
–40°C TO 85°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP MAX
MIN MAX
IOH = –100 mA
1.65 V to 3.6 V
VCC – 0.2
VCC – 0.2
IOH = –4 mA
1.65 V
1.29
1.2
IOH = –8 mA
2.3 V
1.9
1.7
VOH
V
2.7 V
2.2
2.2
IOH = –12 mA
3 V
2.4
2.4
IOH = –24 mA
3 V
2.3
2.2
IOL = 100 mA
1.65 V to 3.6 V
0.1
0.2
IOL = 4 mA
1.65 V
0.24
0.45
VOL
IOL = 8 mA
2.3 V
0.3
0.7
V
IOL = 12 mA
2.7 V
0.4
0.4
IOL = 24 mA
3 V
0.55
0.55
II
Control inputs
VI = 0 to 5.5 V
3.6 V
±1
±5
mA
Ioff
VI or VO = 5.5 V
0
±1
±10
mA
IOZ
(1)
VO = 0 to 5.5 V
3.6 V
±1
±10
mA
VI = VCC or GND
1
10
ICC
IO = 0
3.6 V
mA
3.6 V
≤ VI ≤ 5.5 V
(2)
1
10
One input at VCC – 0.6 V,
ΔICC
2.7 V to 3.6 V
500
500
mA
Other inputs at VCC or GND
Ci
Control inputs
VI = VCC or GND
3.3 V
4
pF
Cio
A or B ports
VI = VCC or GND
3.3 V
5.5
pF
(1)
For I/O ports, the parameter IOZ includes the input leakage current.
(2)
This applies in the disabled state only.
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
TA = 25°C
–40°C TO 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
1.8 V ± 0.15 V
1
6
12.2
1
12.7
2.5 V ± 0.2 V
1
3.9
7.8
1
8.3
tpd
A or B
B or A
ns
2.7 V
1
4.2
7.1
1
7.3
3.3 V ± 0.3 V
1.5
3.8
6.1
1.5
6.3
1.8 V ± 0.15 V
1
7
14.8
1
15.3
2.5 V ± 0.2 V
1
4.5
10
1
10.5
ten
OE
A or B
ns
2.7 V
1
5.4
9.3
1
9.5
3.3 V ± 0.3 V
1.5
4.4
8.3
1.5
8.5
1.8 V ± 0.15 V
1
7.8
16.5
1
17
2.5 V ± 0.2 V
1
4
9
1
9.5
tdis
OE
A or B
ns
2.7 V
1
4.4
8.3
1
8.5
3.3 V ± 0.3 V
1.7
4.1
7.3
1.7
7.5
tsk(o)
3.3 V ± 0.3 V
1
ns
Copyright © 1993–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN74LVC245A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com