Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2985A-30DBVRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP2985A-30DBVRG4
Description  150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985A-30DBVRG4 Datasheet(HTML) 3 Page - Texas Instruments

  LP2985A-30DBVRG4 Datasheet HTML 1Page - Texas Instruments LP2985A-30DBVRG4 Datasheet HTML 2Page - Texas Instruments LP2985A-30DBVRG4 Datasheet HTML 3Page - Texas Instruments LP2985A-30DBVRG4 Datasheet HTML 4Page - Texas Instruments LP2985A-30DBVRG4 Datasheet HTML 5Page - Texas Instruments LP2985A-30DBVRG4 Datasheet HTML 6Page - Texas Instruments LP2985A-30DBVRG4 Datasheet HTML 7Page - Texas Instruments LP2985A-30DBVRG4 Datasheet HTML 8Page - Texas Instruments LP2985A-30DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
VIN
VOUT
ON/OFF
Overcurrent/
Overtemperature
Protection
VREF
1.23 V
−
+
BYPASS
VOUT
2.2
µF
(see Note A)
10 nF
(see Note C)
1
µF
(see Note A)
VIN
1
ON/OFF
(see Note B)
2
GND
3
5
4
BYPASS
LP2985
LP2985
www.ti.com .......................................................................................................................................................... SLVS522M – JULY 2004 – REVISED MARCH 2009
FUNCTIONAL BLOCK DIAGRAM
BASIC APPLICATION CIRCUIT
A.
Minimum COUT value for stability (can be increased without limit for improved stability and transient response)
B.
ON/OFF must be actively terminated. Connect to VIN if shutdown feature is not used.
C.
Optional BYPASS capacitor for low-noise operation
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com