Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2985A-30DBVRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP2985A-30DBVRG4
Description  150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985A-30DBVRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP2985A-30DBVRG4 Datasheet HTML 2Page - Texas Instruments LP2985A-30DBVRG4 Datasheet HTML 3Page - Texas Instruments LP2985A-30DBVRG4 Datasheet HTML 4Page - Texas Instruments LP2985A-30DBVRG4 Datasheet HTML 5Page - Texas Instruments LP2985A-30DBVRG4 Datasheet HTML 6Page - Texas Instruments LP2985A-30DBVRG4 Datasheet HTML 7Page - Texas Instruments LP2985A-30DBVRG4 Datasheet HTML 8Page - Texas Instruments LP2985A-30DBVRG4 Datasheet HTML 9Page - Texas Instruments LP2985A-30DBVRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
LP2985
SLVS522M – JULY 2004 – REVISED MARCH 2009 .......................................................................................................................................................... www.ti.com
Electrical Characteristics (continued)
at specified virtual junction temperature range, VIN = VOUT(NOM) + 1 V, VON/OFF = 2 V, CIN = 1 µF, IL = 1 mA, COUT = 4.7 µF
(unless otherwise noted)
LP2985A-xx
LP2985-xx
PARAMETER
TEST CONDITIONS
TJ
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
BW = 300 Hz to 50 kHz,
Vn
Output noise (RMS)
COUT = 10 µF,
25°C
30
30
µV
CBYPASS = 10 nF
ΔVOUT/
f = 1kHz, COUT = 10 µF,
Ripple rejection
25°C
45
45
dB
ΔVIN
CBYPASS = 10 nF
IOUT(PK)
Peak output current
VOUT ≥ VO(NOM) – 5%
25°C
350
350
mA
IOUT(SC)
Short-circuit current
RL = 0 (steady state)
(3)
25°C
400
400
mA
(3)
See Figure 6 in Typical Performance Characteristics.
6
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com