Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2985A-30DBVRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # LP2985A-30DBVRG4
Description  150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985A-30DBVRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP2985A-30DBVRG4 Datasheet HTML 6Page - Texas Instruments LP2985A-30DBVRG4 Datasheet HTML 7Page - Texas Instruments LP2985A-30DBVRG4 Datasheet HTML 8Page - Texas Instruments LP2985A-30DBVRG4 Datasheet HTML 9Page - Texas Instruments LP2985A-30DBVRG4 Datasheet HTML 10Page - Texas Instruments LP2985A-30DBVRG4 Datasheet HTML 11Page - Texas Instruments LP2985A-30DBVRG4 Datasheet HTML 12Page - Texas Instruments LP2985A-30DBVRG4 Datasheet HTML 13Page - Texas Instruments LP2985A-30DBVRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
0.01
0.1
1
10
100
1k
10k
100k
Frequency − Hz
Cbyp = 1 nF
Cbyp = 10 nF
Cbyp = 100 pF
ILOAD = 150 mA
0.001
0.01
0.1
1
10
10
100
1k
10k
100k
1M
Frequency − Hz
Ci = 1 µF
Co = 4.7 µF
VO = 3.3 V
10 mA
100 mA
1 mA
0.01
0.1
1
10
100
1k
10k
100k
Frequency − Hz
ILOAD = 1 mA
Cbyp = 1 nF
Cbyp = 10 nF
Cbyp = 100 pF
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0
1
2
3
4
5
6
Input Voltage − V
RL = Open
RL = 3.3 kΩ
VO = 3.3 V
Cbyp = 10 nF
LP2985
SLVS522M – JULY 2004 – REVISED MARCH 2009 .......................................................................................................................................................... www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
CIN = 1 µF, COUT = 4.7 µF, VIN = VOUT(NOM) + 1 V, TA = 25°C, ON/OFF pin tied to VIN (unless otherwise specified)
OUTPUT IMPEDANCE
OUTPUT NOISE DENSITY
vs
vs
FREQUENCY
FREQUENCY
Figure 13.
Figure 14.
OUTPUT NOISE DENSITY
INPUT CURRENT
vs
vs
FREQUENCY
INPUT VOLTAGE
Figure 15.
Figure 16.
10
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com