Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL084ACDR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TL084ACDR
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL084ACDR Datasheet(HTML) 5 Page - Texas Instruments

  TL084ACDR Datasheet HTML 1Page - Texas Instruments TL084ACDR Datasheet HTML 2Page - Texas Instruments TL084ACDR Datasheet HTML 3Page - Texas Instruments TL084ACDR Datasheet HTML 4Page - Texas Instruments TL084ACDR Datasheet HTML 5Page - Texas Instruments TL084ACDR Datasheet HTML 6Page - Texas Instruments TL084ACDR Datasheet HTML 7Page - Texas Instruments TL084ACDR Datasheet HTML 8Page - Texas Instruments TL084ACDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
TL081, TL081A, TL081B, TL082, TL082A, TL082B
TL084, TL084A, TL084B
JFET INPUT OPERATIONAL AMPLIFIERS
SLOS081G − FEBRUARY 1977 − REVISED SEPTEMBER 2004
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
TL08_C
TL08_AC
TL08_BC
TL08_I
TL084Q
TL08_M
UNIT
Supply voltage, VCC + (see Note 1)
18
18
18
18
V
Supply voltage VCC − (see Note 1)
−18
−18
−18
−18
V
Differential input voltage, VID (see Note 2)
± 30
± 30
± 30
± 30
V
Input voltage, VI (see Notes 1 and 3)
±15
±15
±15
±15
V
Duration of output short circuit (see Note 4)
Unlimited
Unlimited
Unlimited
Unlimited
Continuous total power dissipation
See Dissipation Rating Table
Operating free-air temperature range, TA
0 to 70
− 40 to 85
− 40 to 125
− 55 to 125
°C
D package (8-pin)
97
97
D package (14-pin)
86
86
N package (14-pin)
76
76
Package thermal impedance,
θJA
NS package (14-pin)
80
°C/W
Package thermal impedance,
θJA
(see Notes 5 and 6)
P package (8-pin)
85
85
°C/W
(see Notes 5 and 6)
PS package (8-pin)
95
95
PW package (8-pin)
149
PW package (14-pin)
113
113
Operating virtual junction temperature
150
150
150
150
°C
Case temperature for 60 seconds, TC
FK package
260
°C
Lead temperature 1,6 mm (1/16 inch) from case
for 60 seconds
J or JG package
300
°C
Storage temperature range, Tstg
− 65 to 150
− 65 to 150
− 65 to 150
− 65 to 150
°C
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential voltages, are with respect to the midpoint between VCC + and VCC −.
2. Differential voltages are at IN+ with respect to IN −.
3. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 V, whichever is less.
4. The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be limited to ensure that the
dissipation rating is not exceeded.
5. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
6. The package thermal impedance is calculated in accordance with JESD 51-7.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING
FACTOR
DERATE
ABOVE TA
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
TA = 125°C
POWER RATING
D (14 pin)
680 mW
7.6 mW/
°C
60
°C
604 mW
490 mW
186 mW
FK
680 mW
11.0 mW/
°C88°C
680 mW
680 mW
273 mW
J
680 mW
11.0 mW/
°C88°C
680 mW
680 mW
273 mW
JG
680 mW
8.4 mW/
°C
69
°C
672 mW
546 mW
210 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com