Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL084ACDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL084ACDR
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL084ACDR Datasheet(HTML) 1 Page - Texas Instruments

  TL084ACDR Datasheet HTML 1Page - Texas Instruments TL084ACDR Datasheet HTML 2Page - Texas Instruments TL084ACDR Datasheet HTML 3Page - Texas Instruments TL084ACDR Datasheet HTML 4Page - Texas Instruments TL084ACDR Datasheet HTML 5Page - Texas Instruments TL084ACDR Datasheet HTML 6Page - Texas Instruments TL084ACDR Datasheet HTML 7Page - Texas Instruments TL084ACDR Datasheet HTML 8Page - Texas Instruments TL084ACDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
TL081, TL081A, TL081B, TL082, TL082A, TL082B
TL084, TL084A, TL084B
JFET INPUT OPERATIONAL AMPLIFIERS
SLOS081G − FEBRUARY 1977 − REVISED SEPTEMBER 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low Power Consumption
D Wide Common-Mode and Differential
Voltage Ranges
D Low Input Bias and Offset Currents
D Output Short-Circuit Protection
D Low Total Harmonic
Distortion . . . 0.003% Typ
D High Input Impedance . . . JFET-Input Stage
D Latch-Up-Free Operation
D High Slew Rate . . . 13 V/µs Typ
D Common-Mode Input Voltage Range
Includes VCC+
description/ordering information
The TL08x JFET-input operational amplifier family is designed to offer a wider selection than any previously
developed operational amplifier family. Each of these JFET-input operational amplifiers incorporates
well-matched, high-voltage JFET and bipolar transistors in a monolithic integrated circuit. The devices feature
high slew rates, low input bias and offset currents, and low offset-voltage temperature coefficient. Offset
adjustment and external compensation options are available within the TL08x family.
The C-suffix devices are characterized for operation from 0
°C to 70°C. The I-suffix devices are characterized
for operation from − 40
°C to 85°C. The Q-suffix devices are characterized for operation from −40°C to 125°C.
The M-suffix devices are characterized for operation over the full military temperature range of −55
°C to 125°C.
ORDERING INFORMATION
TJ
VIOmax
AT 25
5C
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP (P)
Tube of 50
TL081CP
TL081CP
PDIP (P)
Tube of 50
TL082CP
TL082CP
PDIP (N)
Tube of 25
TL084CN
TL084CN
Tube of 75
TL081CD
TL081C
Reel of 2500
TL081CDR
TL081C
SOIC (D)
Tube of 75
TL082CD
TL082C
SOIC (D)
Reel of 2500
TL082CDR
TL082C
0
°C to 70°C
15 mV
Tube of 50
TL084CD
TL084C
0
°C to 70°C
15 mV
Reel of 2500
TL084CDR
TL084C
SOP (PS)
Reel of 2000
TL081CPSR
T081
SOP (PS)
Reel of 2000
TL082CPSR
T082
SOP (NS)
Reel of 2000
TL084CNSR
TL084
Tube of 150
TL082CPW
T082
TSSOP (PW)
Reel of 2000
TL082CPWR
T082
TSSOP (PW)
Tube of 90
TL084CPW
T084
Reel of 2000
TL084CPWR
T084
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - TL084ACDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL084ACDR TI-TL084ACDR Datasheet
862Kb / 37P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL084ACDR TI-TL084ACDR Datasheet
836Kb / 33P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL084ACDR TI-TL084ACDR Datasheet
1,000Kb / 37P
JEET-INPUT OPERTIONAL AMPLIFERS
TL084ACDR TI-TL084ACDR Datasheet
998Kb / 38P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL084ACDR TI1-TL084ACDR Datasheet
1Mb / 45P
JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TL084ACDR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL081C MOTOROLA-TL081C Datasheet
169Kb / 8P
JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081_04 Datasheet
862Kb / 37P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL091 TI-TL091 Datasheet
610Kb / 8P
JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
JFET-Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
JFET Input Operational Amplifiers
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com