Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL084ACDR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TL084ACDR
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL084ACDR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL084ACDR Datasheet HTML 6Page - Texas Instruments TL084ACDR Datasheet HTML 7Page - Texas Instruments TL084ACDR Datasheet HTML 8Page - Texas Instruments TL084ACDR Datasheet HTML 9Page - Texas Instruments TL084ACDR Datasheet HTML 10Page - Texas Instruments TL084ACDR Datasheet HTML 11Page - Texas Instruments TL084ACDR Datasheet HTML 12Page - Texas Instruments TL084ACDR Datasheet HTML 13Page - Texas Instruments TL084ACDR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
TL081, TL081A, TL081B, TL082, TL082A, TL082B
TL084, TL084A, TL084B
JFET INPUT OPERATIONAL AMPLIFIERS
SLOS081G − FEBRUARY 1977 − REVISED SEPTEMBER 2004
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 7
0
±2.5
±5
±7.5
±10
±12.5
±15
10 k
40 k 100 k
400 k
1 M
4 M
10 M
VCC ± = ±15 V
RL = 2 kΩ
See Figure 2
TA = − 55°C
TA = 25°C
TA = 125°C
f − Frequency − Hz
MAXIMUM PEAK OUTPUT VOLTAGE
vs
FREQUENCY
Figure 8
±12.5
±10
±7.5
±5
±2.5
MAXIMUM PEAK OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
− 75
− 50
− 25
0
25
50
75
100
125
±15
0
RL = 10 kW
RL = 2 kW
VCC ± = ±15 V
See Figure 2
TA − Free-Air Temperature − °C
Figure 9
0.1
0
RL − Load Resistance − kΩ
10
±15
±2.5
±5
±7.5
±10
±12.5
VCC ± = ±15 V
TA = 25°C
See Figure 2
0.2
0.4
0.7
1
2
4
7
MAXIMUM PEAK OUTPUT VOLTAGE
vs
LOAD RESISTANCE
Figure 10
0
0
|VCC ±| − Supply Voltage − V
16
±15
2
4
6
8
10
12
14
±2.5
±5
±7.5
±10
±12.5
RL = 10 kΩ
TA = 25°C
MAXIMUM PEAK OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com