Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5437AIPN Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5437AIPN
Description  MIXED SIGNAL MICROCONTROLLER
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5437AIPN Datasheet(HTML) 2 Page - Texas Instruments

  MSP430F5437AIPN Datasheet HTML 1Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 2Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 3Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 4Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 5Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 6Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 7Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 8Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 99 page
background image
MSP430F543x, MSP430F541x
SLAS612C – AUGUST 2009 – REVISED MARCH 2010
www.ti.com
DESCRIPTION
The Texas Instruments MSP430 family of ultralow-power microcontrollers consists of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low-power
modes, is optimized to achieve extended battery life in portable measurement applications. The device features a
powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code efficiency.
The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less than 5 µs.
The MSP430F543x and MSP430F541x series are microcontroller configurations with three 16-bit timers, a high
performance 12-bit analog-to-digital (A/D) converter, up to four universal serial communication interfaces (USCI),
hardware multiplier, DMA, real-time clock module with alarm capabilities, and up to 87 I/O pins.
Typical applications for this device include analog and digital sensor systems, digital motor control, remote
controls, thermostats, digital timers, hand-held meters, etc.
Family members available are summarized in Table 1.
Table 1. Family Members
USCI
Flash
SRAM
ADC12_A
Package
Channel A:
Channel B:
Device
Timer_A(1)
Timer_B(2)
I/O
(KB)
(KB)
(Ch)
Type
UART/IrDA/
SPI/I2C
SPI
MSP430F5438
256
16
5, 3
7
4
4
14 ext / 2 int
87
100 PZ
MSP430F5437
256
16
5, 3
7
2
2
14 ext / 2 int
67
80 PN
MSP430F5436
192
16
5, 3
7
4
4
14 ext / 2 int
87
100 PZ
MSP430F5435
192
16
5, 3
7
2
2
14 ext / 2 int
67
80 PN
MSP430F5419
128
16
5, 3
7
4
4
14 ext / 2 int
87
100 PZ
MSP430F5418
128
16
5, 3
7
2
2
14 ext / 2 int
67
80 PN
(1)
Each number in the sequence represents an instantiation of Timer_A with its associated number of capture compare registers and PWM
output generators available. For example, a number sequence of 3, 5 would represent two instantiations of Timer_A, the first
instantiation having 3 and the second instantiation having 5 capture compare registers and PWM output generators, respectively.
(2)
Each number in the sequence represents an instantiation of Timer_B with its associated number of capture compare registers and PWM
output generators available. For example, a number sequence of 3, 5 would represent two instantiations of Timer_B, the first
instantiation having 3 and the second instantiation having 5 capture compare registers and PWM output generators, respectively.
Ordering Information(1)
PACKAGED DEVICES(2)
TA
PLASTIC 100-PIN LQFP
PLASTIC 80-PIN LQFP
(PZ)
(PN)
MSP430F5438IPZ
MSP430F5437IPN
–40°C to 85°C
MSP430F5436IPZ
MSP430F5435IPN
MSP430F5419IPZ
MSP430F5418IPN
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
2
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com