Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5437AIPN Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5437AIPN
Description  MIXED SIGNAL MICROCONTROLLER
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5437AIPN Datasheet(HTML) 21 Page - Texas Instruments

Back Button MSP430F5437AIPN Datasheet HTML 17Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 18Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 19Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 20Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 21Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 22Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 23Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 24Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 99 page
background image
MSP430F543x, MSP430F541x
www.ti.com
SLAS612C – AUGUST 2009 – REVISED MARCH 2010
Universal Serial Communication Interface (USCI)
The USCI modules are used for serial data communication. The USCI module supports synchronous
communication protocols such as SPI (3 or 4 pin) and I2C, and asynchronous communication protocols such as
UART, enhanced UART with automatic baudrate detection, and IrDA. Each USCI module contains two portions,
A and B.
The USCI_An module provides support for SPI (3 pin or 4 pin), UART, enhanced UART, or IrDA.
The USCI_Bn module provides support for SPI (3 pin or 4 pin) or I2C.
The MSP430F5438, MSP430F5436, and MSP430F5419 include four complete USCI modules (n = 0 to 3). The
MSP430F5437, MSP430F5435, and MSP430F5418 include two complete USCI modules (n = 0 to 1).
TA0
TA0 is a 16-bit timer/counter (Timer_A type) with five capture/compare registers. It can support multiple
capture/compares, PWM outputs, and interval timing. It also has extensive interrupt capabilities. Interrupts may
be generated from the counter on overflow conditions and from each of the capture/compare registers.
Table 8. TA0 Signal Connections
INPUT PIN NUMBER
DEVICE
MODULE
MODULE
DEVICE
OUTPUT PIN NUMBER
MODULE
INPUT
INPUT
OUTPUT
OUTPUT
BLOCK
PZ
PN
PZ
PN
SIGNAL
SIGNAL
SIGNAL
SIGNAL
17-P1.0
17-P1.0
TA0CLK
TACLK
ACLK
ACLK
Timer
NA
NA
SMCLK
SMCLK
17-P1.0
17-P1.0
TA0CLK
TACLK
18-P1.1
18-P1.1
TA0.0
CCI0A
18-P1.1
18-P1.1
57-P8.0
60-P8.0
TA0.0
CCI0B
57-P8.0
60-P8.0
CCR0
TA0
TA0.0
ADC12 (internal)
ADC12 (internal)
DVSS
GND
ADC12SHSx = {1}
ADC12SHSx = {1}
DVCC
VCC
19-P1.2
19-P1.2
TA0.1
CCI1A
19-P1.2
19-P1.2
58-P8.1
61-P8.1
TA0.1
CCI1B
58-P8.1
61-P8.1
CCR1
TA1
TA0.1
DVSS
GND
DVCC
VCC
20-P1.3
20-P1.3
TA0.2
CCI2A
20-P1.3
20-P1.3
59-P8.2
62-P8.2
TA0.2
CCI2B
59-P8.2
62-P8.2
CCR2
TA2
TA0.2
DVSS
GND
DVCC
VCC
21-P1.4
21-P1.4
TA0.3
CCI3A
21-P1.4
21-P1.4
60-P8.3
63-P8.3
TA0.3
CCI3B
60-P8.3
63-P8.3
CCR3
TA3
TA0.3
DVSS
GND
DVCC
VCC
22-P1.5
22-P1.5
TA0.4
CCI4A
22-P1.5
22-P1.5
61-P8.4
64-P8.4
TA0.4
CCI4B
61-P8.4
64-P8.4
CCR4
TA4
TA0.4
DVSS
GND
DVCC
VCC
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com