Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6TPE150MIC2 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 6TPE150MIC2
Description  3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

6TPE150MIC2 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button 6TPE150MIC2 Datasheet HTML 13Page - National Semiconductor (TI) 6TPE150MIC2 Datasheet HTML 14Page - National Semiconductor (TI) 6TPE150MIC2 Datasheet HTML 15Page - National Semiconductor (TI) 6TPE150MIC2 Datasheet HTML 16Page - National Semiconductor (TI) 6TPE150MIC2 Datasheet HTML 17Page - National Semiconductor (TI) 6TPE150MIC2 Datasheet HTML 18Page - National Semiconductor (TI) 6TPE150MIC2 Datasheet HTML 19Page - National Semiconductor (TI) 6TPE150MIC2 Datasheet HTML 20Page - National Semiconductor (TI) 6TPE150MIC2 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
30111880
FIGURE 4.
TABLE 7. Bill of Materials for Evaluation Board, V
IN = 3.3V to 5V, VOUT = 2.5V, IOUT (MAX) = 3A
Designator
Description
Case Size
Manufacturer
Manufacturer P/N
Quantity
U1
SIMPLE SWITCHER®
TO-PMOD-7
National
Semiconductor
LMZ10503TZ-ADJ
1
C
in1
1 µF, X7R, 16V
0805
TDK
C2012X7R1C105K
1
C
in2, CO1
4.7 µF, X5R, 6.3V
0805
TDK
C2012X5R0J475K
2
C
in3, CO2
22 µF, X5R, 16V
1210
TDK
C3225X5R1C226M
2
C
in4
47 µF, X5R, 6.3V
1210
TDK
C3225X5R0J476M
1
C
in5
220 µF, 10V, AL-Elec
E
Panasonic
EEE1AA221AP
1
C
O3
100 µF, X5R, 6.3V
1812
TDK
C4532X5R0J107M
1
R
fbt
75 k
Ω
0805
Vishay Dale
CRCW080575K0FKEA
1
R
fbb
34.8 k
Ω
0805
Vishay Dale
CRCW080534K8FKEA
1
R
comp
1.1 k
Ω
0805
Vishay Dale
CRCW08051K10FKEA
1
C
comp
180 pF, ±5%, C0G, 50V
0603
TDK
C1608C0G1H181J
1
R
en1
100 k
Ω
0805
Vishay Dale
CRCW0805100KFKEA
1
C
SS
10 nF, ±5%, C0G, 50V
0805
TDK
C2012C0G1H103J
1
TABLE 8. Output Voltage Setting (R
fbt = 75 kΩ)
V
OUT
R
fbb
3.3V
23.7 k
Ω
2.5 V
34.8 k
Ω
1.8 V
59 k
Ω
1.5 V
84.5 k
Ω
1.2 V
150 k
Ω
0.9 V
590 k
Ω
17
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com