Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6TPE150MIC2 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 6TPE150MIC2
Description  3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

6TPE150MIC2 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  6TPE150MIC2 Datasheet HTML 1Page - National Semiconductor (TI) 6TPE150MIC2 Datasheet HTML 2Page - National Semiconductor (TI) 6TPE150MIC2 Datasheet HTML 3Page - National Semiconductor (TI) 6TPE150MIC2 Datasheet HTML 4Page - National Semiconductor (TI) 6TPE150MIC2 Datasheet HTML 5Page - National Semiconductor (TI) 6TPE150MIC2 Datasheet HTML 6Page - National Semiconductor (TI) 6TPE150MIC2 Datasheet HTML 7Page - National Semiconductor (TI) 6TPE150MIC2 Datasheet HTML 8Page - National Semiconductor (TI) 6TPE150MIC2 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LMZ10503
June 10, 2010
3A SIMPLE SWITCHER® Power Module with 5.5V Maximum
Input Voltage
Easy to Use 7 Pin Package
301118a4
TO-PMOD 7 Pin Package
10.16 x 13.77 x 4.57 mm (0.4 x 0.39 x 0.18 in)
θ
JA = 20°C/W, θJC = 1.9°C/W (Note 3)
RoHS Compliant
Electrical Specifications
■ 15W maximum total output power
■ Up to 3A output current
■ Input voltage range 2.95V to 5.5V
■ Output voltage range 0.8V to 5V
■ ±1.63% feedback voltage accuracy over temperature
■ Efficiency up to 96%
Key Features
■ Integrated shielded inductor
■ Flexible startup sequencing using external soft-start,
tracking, and precision enable
■ Protection against in-rush currents and faults such as input
UVLO and output short-circuit
■ -40°C to +125°C junction temperature operating range
■ Single exposed pad and standard pinout for easy
mounting and manufacturing
■ Pin-to-pin compatible with
LMZ10504 (4A/20W max)
LMZ10505 (5A/25W max)
■ Fully enabled for WEBENCH® and Power Designer
Applications
■ Point-of-load conversions from 3.3V and 5V rails
■ Space constrained applications
■ Extreme temperatures/no air flow environments
■ Noise sensitive applications (i.e. transceiver, medical)
Performance Benefits
■ Operates at high ambient temperatures
■ High efficiency up to 96% reduces system heat generation
■ Low radiated emissions (EMI) complies with EN55022
class B standard (Note 4)
■ Low output voltage ripple of 10 mV allows for powering
noise-sensitive transceiver and signaling ICs
■ Fast transient response for powering FPGAs and ASICs
System Performance
Current Derating (V
OUT = 3.3V)
301118a5
Efficiency (V
OUT = 3.3V)
30111871
Radiated Emissions (EN 55022, Class B)
301118a6
Note 1: Note 1:
θ
JA measured on a 2.25” x 2.25” (5.8 cm x 5.8 cm) four layer board. Refer to PCB Layout Diagrams or Evaluation Board Application Note:
AN-2022.
Note 2: Note 2: EN 55022:2006, +A1:2007, FCC Part 15 Subpart B: 2007. See Figure 5 and layout for information on device under test.
© 2010 National Semiconductor Corporation
301118
www.national.com


Similar Part No. - 6TPE150MIC2

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
6TPE150MI PANASONIC-6TPE150MI Datasheet
86Kb / 4P
Surface Mount Type
6TPE150MI PANASONIC-6TPE150MI Datasheet
792Kb / 8P
Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
6TPE150MI PANASONIC-6TPE150MI Datasheet
792Kb / 8P
Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
More results

Similar Description - 6TPE150MIC2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ10503 NSC-LMZ10503 Datasheet
980Kb / 22P
3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ10505 NSC-LMZ10505 Datasheet
662Kb / 22P
5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ12003 NSC-LMZ12003_1 Datasheet
1Mb / 16P
3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ10505_1006 NSC-LMZ10505_1006 Datasheet
662Kb / 22P
5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ10500 NSC-LMZ10500 Datasheet
1Mb / 20P
650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10501 NSC-LMZ10501 Datasheet
1Mb / 20P
1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ14203 NSC-LMZ14203_11 Datasheet
1Mb / 18P
3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ10503 TI-LMZ10503 Datasheet
1Mb / 28P
LMZ10503 3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ12003TZ-ADJ-NOPB TI1-LMZ12003TZ-ADJ-NOPB Datasheet
2Mb / 24P
3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ10505TZ-ADJ TI1-LMZ10505TZ-ADJ Datasheet
1Mb / 28P
LMZ10505 5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com