Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6TPE150MIC2 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 6TPE150MIC2
Description  3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

6TPE150MIC2 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  6TPE150MIC2 Datasheet HTML 1Page - National Semiconductor (TI) 6TPE150MIC2 Datasheet HTML 2Page - National Semiconductor (TI) 6TPE150MIC2 Datasheet HTML 3Page - National Semiconductor (TI) 6TPE150MIC2 Datasheet HTML 4Page - National Semiconductor (TI) 6TPE150MIC2 Datasheet HTML 5Page - National Semiconductor (TI) 6TPE150MIC2 Datasheet HTML 6Page - National Semiconductor (TI) 6TPE150MIC2 Datasheet HTML 7Page - National Semiconductor (TI) 6TPE150MIC2 Datasheet HTML 8Page - National Semiconductor (TI) 6TPE150MIC2 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Absolute Maximum Ratings (Note 5)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
VIN, VOUT, EN, FB, SS to GND
-0.3V to 6.0V
ESD Susceptibility (Note 6)
±2 kV
Power Dissipation
Internally Limited
Junction Temperature
150°C
Storage Temperature Range
-65°C to 150°C
For Soldering Specs see:
www.national.com/ms/MS/MS-SOLDERING.pdf
Operating Ratings (Note 5)
VIN to GND
2.95V to 5.5V
Junction Temperature (T
J)
-40°C to 125°C
Electrical Characteristics Specifications with standard typeface are for T
J = 25°C only; limits in bold face type
apply over the operating junction temperature range T
J of -40°C to 125°C. Minimum and maximum limits are guaranteed through
test, design, or statistical correlation. Typical values represent the most likely parametric norm at T
J = 25°C, and are provided for
reference purposes only. V
IN = VEN = 3.3V, unless otherwise indicated in the conditions column.
Symbol
Parameter
Conditions
Min
(Note 7)
Typ
(Note 8)
Max
(Note 7)
Units
SYSTEM PARAMETERS
V
FB
Total Feedback Voltage Variation
Including Line and Load Regulation
V
IN = 2.95V to 5.5V
V
OUT = 2.5V
I
OUT = 0A to 3A
0.78
0.8
0.82
V
V
FB
Feedback Voltage Variation
V
IN = 3.3V, VOUT = 2.5V
I
OUT = 0A
0.787
0.8
0.812
V
V
FB
Feedback Voltage Variation
V
IN = 3.3V, VOUT = 2.5V
I
OUT = 3A
0.785
0.798
0.81
V
V
IN(UVLO)
Input UVLO Threshold (Measured at VIN
pin)
Rising
2.6
2.95
V
Falling
1.95
2.4
I
SS
Soft-Start Current
Charging Current
2
µA
I
Q
Non-Switching Input Current
V
FB = 1V
1.7
3
mA
I
SD
Shut Down Quiescent Current
V
IN = 5.5V, VEN = 0V
260
500
µA
I
OCL
Output Current Limit (Average Current)
V
OUT = 2.5V
3.8
5.2
6.7
A
f
FB
Frequency Fold-back
In current limit
250
kHz
PWM SECTION
f
SW
Switching Frequency
750
1000
1160
kHz
D
range
PWM Duty Cycle Range
0
100
%
ENABLE CONTROL
V
EN-IH
EN Pin Rising Threshold
1.23
1.8
V
V
EN-IF
EN Pin Falling Threshold
0.8
1.06
V
THERMAL CONTROL
T
SD
T
J for Thermal Shutdown
145
°C
T
SD-HYS
Hysteresis for Thermal Shutdown
10
°C
THERMAL RESISTANCE
θ
JA
Junction to Ambient
(Note 3)
20
°C/W
θ
JC
Junction to Case
No air flow
1.9
°C/W
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com