Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4522IPWR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # THS4522IPWR
Description  VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4522IPWR Datasheet(HTML) 32 Page - Texas Instruments

Back Button THS4522IPWR Datasheet HTML 28Page - Texas Instruments THS4522IPWR Datasheet HTML 29Page - Texas Instruments THS4522IPWR Datasheet HTML 30Page - Texas Instruments THS4522IPWR Datasheet HTML 31Page - Texas Instruments THS4522IPWR Datasheet HTML 32Page - Texas Instruments THS4522IPWR Datasheet HTML 33Page - Texas Instruments THS4522IPWR Datasheet HTML 34Page - Texas Instruments THS4522IPWR Datasheet HTML 35Page - Texas Instruments THS4522IPWR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
THS4521
C79
2.7 nF
C74
100 pF
C73
100 pF
R23
1 kW
R41
40.2 kW
R42
40.2 kW
R24
1 kW
Audio
Inputs
PCM4204
Inputs
C29
10 F
m
C30
10 F
m
C41
0.01 F
m
C21
1 nF
C83
0.1 F
m
C42
0.01 F
m
C22
1 nF
R34
270 W
R33
270 W
R13
0 W
R14
0 W
R27
1 kW
TP4
GND
GND
+15 V
+5 V
+15 V
THS4521
THS4522
THS4524
SBOS458D – DECEMBER 2008 – REVISED AUGUST 2010
www.ti.com
Figure 78. THS4521 and PCM4204 Test Circuit
Table 4. 1-kHz AC Analysis: Test Circuit versus PCM4204 Data Sheet Typical Specifications
(fS = 48 kSPS)
Configuration
Tone
THD+N
Dynamic Range
THS4521 and PCM4204
1 kHz
–106 dBc
117 dB
PCM4204 Data sheet (typ)
1 kHz
–105 dBc
118 dB
32
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com