Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4522IPWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS4522IPWR
Description  VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4522IPWR Datasheet(HTML) 3 Page - Texas Instruments

  THS4522IPWR Datasheet HTML 1Page - Texas Instruments THS4522IPWR Datasheet HTML 2Page - Texas Instruments THS4522IPWR Datasheet HTML 3Page - Texas Instruments THS4522IPWR Datasheet HTML 4Page - Texas Instruments THS4522IPWR Datasheet HTML 5Page - Texas Instruments THS4522IPWR Datasheet HTML 6Page - Texas Instruments THS4522IPWR Datasheet HTML 7Page - Texas Instruments THS4522IPWR Datasheet HTML 8Page - Texas Instruments THS4522IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
THS4521
THS4522
THS4524
www.ti.com
SBOS458D – DECEMBER 2008 – REVISED AUGUST 2010
ELECTRICAL CHARACTERISTICS: VS+ – VS– = 3.3 V
At VS+ = +3.3 V, VS– = 0 V, VOCM = open, VOUT = 2 VPP (differential), RL = 1 kΩ differential, G = 1 V/V, single-ended input,
differential output, input and output referenced to midsupply, unless otherwise noted.
THS4521, THS4522, THS4524
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
AC PERFORMANCE
Small-Signal Bandwidth
VOUT = 100 mVPP, G = 1
135
MHz
C
VOUT = 100 mVPP, G = 2
49
MHz
C
VOUT = 100 mVPP, G = 5
18.6
MHz
C
VOUT = 100 mVPP, G = 10
9.3
MHz
C
Gain Bandwidth Product
VOUT = 100 mVPP, G = 10
93
MHz
C
Large-Signal Bandwidth
VOUT = 2 VPP, G = 1
95
MHz
C
Bandwidth for 0.1-dB Flatness
VOUT = 2 VPP, G = 1
20
MHz
C
Rising Slew Rate (Differential)
VOUT = 2-V Step, G = 1, RL = 200 Ω
420
V/ms
C
Falling Slew Rate (Differential)
VOUT = 2-V Step, G = 1, RL = 200 Ω
460
V/ms
C
Overshoot
VOUT = 2-V Step, G = 1, RL = 200 Ω
1.2
%
C
Undershoot
VOUT = 2-V Step, G = 1, RL = 200 Ω
2.1
%
C
Rise Time
VOUT = 2-V Step, G = 1, RL = 200 Ω
4
ns
C
Fall Time
VOUT = 2-V Step, G = 1, RL = 200 Ω
3.5
ns
C
Settling Time to 1%
VOUT = 2-V Step, G = 1, RL = 200 Ω
13
ns
C
Harmonic Distortion
f = 1 kHz, VOUT = 1 VRMS, G = 1
(2),
2nd harmonic
–122
dBc
C
differential input
f = 1 MHz, VOUT = 2 VPP, G = 1
–85
dBc
C
f = 1 kHz, VOUT = 1 VRMS, G = 1
(2),
3rd harmonic
–141
dBc
C
differential input
f = 1 MHz, VOUT = 2 VPP, G = 1
–90
dBc
C
Two-tone, f1 = 2 MHz, f2 = 2.2 MHz,
Second-Order Intermodulation Distortion
–83
dBc
C
VOUT = 2-VPP envelope
Two-tone, f1 = 2 MHz, f2 = 2.2 MHz,
Third-Order Intermodulation Distortion
–90
dBc
C
VOUT = 2-VPP envelope
Input Voltage Noise
f > 10 kHz
4.6
nV/
√Hz
C
Input Current Noise
f > 100 kHz
0.6
pA/
√Hz
C
Overdrive Recovery Time
Overdrive = ±0.5 V
80
ns
C
Output Balance Error
VOUT = 100 mV, f ≤ 2 MHz (differential input)
–57
dB
C
Closed-Loop Output Impedance
f = 1 MHz (differential)
0.3
Ω
C
Channel-to-Channel Crosstalk (THS4522,
f = 10 kHz, measured differentially
–125
dB
C
THS4524)
DC PERFORMANCE
Open-Loop Voltage Gain (AOL)
100
116
dB
A
Input-Referred Offset Voltage
TA = +25°C
±0.2
±2
mV
A
TA = –40°C to +85°C
±0.5
±3.5
mV
B
Input offset voltage drift(3)
TA = –40°C to +85°C
±2
mV/°C
C
Input Bias Current
TA = +25°C
0.65
0.85
mA
B
TA = –40°C to +85°C
0.75
0.95
mA
B
Input bias current drift(3)
TA = –40°C to +85°C
±1.75
±2
nA/°C
B
Input Offset Current
TA = +25°C
±50
±60
pA
B
TA = –40°C to +85°C
±60
±70
pA
B
Input offset current drift(3)
TA = –40°C to +85°C
±0.16
±0.25
pA/°C
B
(1)
Test levels: (A) 100% tested at +25°C. Over temperature limits set by characterization and simulation. (B) Limits set by characterization
and simulation. (C) Typical value only for information.
(2)
Not directly measureable; calculated using noise gain of 101 as described in the Applications section, Audio Performance.
(3)
Input Offset Voltage Drift, Input Bias Current Drift, and Input Offset Current Drift are average values calculated by taking data at –40°C
and +85°C, computing the difference, and dividing by 125.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com