Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4522IPWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS4522IPWR
Description  VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4522IPWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS4522IPWR Datasheet HTML 2Page - Texas Instruments THS4522IPWR Datasheet HTML 3Page - Texas Instruments THS4522IPWR Datasheet HTML 4Page - Texas Instruments THS4522IPWR Datasheet HTML 5Page - Texas Instruments THS4522IPWR Datasheet HTML 6Page - Texas Instruments THS4522IPWR Datasheet HTML 7Page - Texas Instruments THS4522IPWR Datasheet HTML 8Page - Texas Instruments THS4522IPWR Datasheet HTML 9Page - Texas Instruments THS4522IPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
THS4521
THS4522
THS4524
SBOS458D – DECEMBER 2008 – REVISED AUGUST 2010
www.ti.com
ELECTRICAL CHARACTERISTICS: VS+ – VS– = 5 V (continued)
At VS+ = +5 V, VS– = 0 V, VOCM = open, VOUT = 2 VPP (differential), RF = 1 kΩ, RL = 1 kΩ differential, G = 1 V/V, single-ended
input, differential output, input and output referenced to midsupply, unless otherwise noted.
THS4521, THS4522, THS4524
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
Input Offset Current, continued
TA = –40°C to +85°C
±60
±75
pA
B
Input offset current drift(4)
TA = –40°C to +85°C
±0.16
±0.25
pA/°C
B
INPUT
Common-Mode Input Voltage Low
TA = +25°C
–0.2
–0.1
V
A
TA = –40°C to +85°C
–0.1
0
V
B
Common-Mode Input Voltage High
TA = +25°C
3.6
3.7
V
A
TA = –40°C to +85°C
3.5
3.6
V
B
Common-Mode Rejection Ratio (CMRR)
80
102
dB
A
Input Impedance
100
∥0.7
k
Ω∥pF
C
OUTPUT
Output Voltage Low
TA = +25°C
0.10
0.15
V
A
TA = –40°C to +85°C
0.115
0.2
V
B
Output Voltage High
TA = +25°C
4.7
4.75
V
A
TA = –40°C to +85°C
4.65
4.7
V
B
Output Current Drive (for linear operation)
RL = 50 Ω
±55
mA
C
POWER SUPPLY
Specified Operating Voltage
2.5
5.5
V
B
Quiescent Operating Current, per channel
TA = +25°C
0.95
1.14
1.25
mA
A
TA = –40°C to +85°C
0.9
1.15
1.3
mA
B
Power-Supply Rejection Ratio (±PSRR)
80
100
dB
A
POWER DOWN
Enable Voltage Threshold
Ensured on above 2.1 V
1.6
2.1
V
A
Disable Voltage Threshold
Ensured off below 0.7 V
0.7
1.6
V
A
Disable Pin Bias Current
1
mA
C
Power Down Quiescent Current
20
mA
C
Time to VOUT = 90% of final value,
Turn-On Time Delay
70
ns
B
VIN= 2 V, RL = 200 Ω
Time to VOUT = 10% of original value,
Turn-Off Time Delay
60
ns
B
VIN= 2 V, RL = 200 Ω
VOCM VOLTAGE CONTROL
Small-Signal Bandwidth
23
MHz
C
Slew Rate
55
V/ms
C
Gain
0.98
0.99
1.02
V/V
A
Measured at VOUT with VOCM input driven,
Common-Mode Offset Voltage from VOCM Input
±5
±9
mV
B
VOCM = 2.5V ±1 V
Input Bias Current
VOCM = 2.5V ±1 V
±20
±25
mA
B
VOCM Voltage Range
1
0.8 to 4.2
4
V
A
Input Impedance
46
∥1.5
k
Ω∥pF
C
Default Output Common-Mode Voltage Offset from
Measured at VOUT with VOCM input open
±1
±5
mV
A
(VS+– VS–)/2
THERMAL CHARACTERISTICS
Specified Operating Range
–40
+85
°C
C
All Packages
Thermal Resistance, q JA
Junction-to-ambient
THS4521
D
SO-8
194
°C/W
C
DGK
MSOP-8
269
°C/W
C
THS4522
PW
TSSOP-16
116
°C/W
C
THS4524
DBT
TSSOP-38
81
°C/W
C
(4)
Input Offset Voltage Drift, Input Bias Current Drift, and Input Offset Current Drift are average values calculated by taking data at –40°C
and +85°C, computing the difference, and dividing by 125.
6
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com