Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE706PWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE706PWR
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE706PWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCE706PWR Datasheet HTML 3Page - Texas Instruments CDCE706PWR Datasheet HTML 4Page - Texas Instruments CDCE706PWR Datasheet HTML 5Page - Texas Instruments CDCE706PWR Datasheet HTML 6Page - Texas Instruments CDCE706PWR Datasheet HTML 7Page - Texas Instruments CDCE706PWR Datasheet HTML 8Page - Texas Instruments CDCE706PWR Datasheet HTML 9Page - Texas Instruments CDCE706PWR Datasheet HTML 10Page - Texas Instruments CDCE706PWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
CDCE706
www.ti.com ........................................................................................................................................... SCAS815I – OCTOBER 2005 – REVISED NOVEMBER 2008
DEVICE CHARACTERISTICS (continued)
over recommended operating free-air temperature range and test load (unless otherwise noted), see Figure 1
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
All PLLs
80
200
Normal speed-mode(3)
VCO frequency of internal PLL (any of three
fVCO
PLL2 with SSC
80
167
MHz
PLLs)
High-speed mode(3)
180
300
VCC = 2.5 V
250
LVCMOS output frequency range(4), See
fOUT
MHz
Figure 4
VCC = 3.3 V
300
LVCMOS PARAMETER
VIK
LVCMOS input voltage
VCC = 3 V, II = –18 mA
–1.2
V
LVCMOS input current (CLK_IN0 and
II
VI = 0 V or VCC, VCC = 3.6 V
±5
µA
CLK_IN1)
IIH
LVCMOS input current (S1/S0)
VI = VCC, VCC = 3.6 V
5
µA
IIL
LVCMOS input current (S1/S0)
VI = 0 V, VCC = 3.6 V
–35
–10
µA
Input capacitance at CLK_IN0 and
CI
VI = 0 V or VCC
3
pF
CLK_IN1
LVCMOS PARAMETER FOR VCCOUT = 3.3-V Mode
VCCOUT = 3 V, IOH = –0.1 mA
2.9
VOH
LVCMOS high-level output voltage
VCCOUT = 3 V, IOH = –4 mA
2.4
V
VCCOUT = 3 V, IOH = –6 mA
2.1
VCCOUT = 3 V, IOL = 0.1 mA
0.1
VOL
LVCMOS low-level output voltage
VCCOUT = 3 V, IOL = 4 mA
0.5
V
VCCOUT = 3 V, IOL = 6 mA
0.85
All PLL bypass
9
tPLH,
Propagation delay
ns
tPHL
VCO bypass
11
tr0/tf0
Rise and fall time for output slew rate 0
VCCOUT = 3.3 V (20%–80%)
1.7
3.3
4.8
ns
tr1/tf1
Rise and fall time for output slew rate 1
VCCOUT = 3.3 V (20%–80%)
1.5
2.5
3.2
ns
tr2/tf2
Rise and fall time for output slew rate 2
VCCOUT = 3.3 V (20%–80%)
1.2
1.6
2.1
ns
Rise and fall time for output slew rate 3
tr3/tf3
VCCOUT = 3.3 V (20%–80%)
0.4
0.6
1
ns
(default configuration)
fOUT = 50 MHz
55
90
1 PLL, 1 output
fOUT = 245.76 MHz
45
80
tjit(cc)
Cycle-to-cycle jitter(5)(6)
ps
fOUT = 50 MHz
125
155
3 PLLs, 3 outputs
fOUT = 245.76 MHz
60
95
fOUT = 50 MHz
60
90
1 PLL, 1 output
fOUT = 245.76 MHz
55
80
tjit(per)
Peak-to-peak period jitter(5)(6)
ps
fOUT = 50 MHz
145
180
3 PLLs, 3 outputs
fOUT = 245.76 MHz
70
105
1.6-ns rise/fall time at fVCO = 150 MHz,
tsk(o)
Output skew (see(7) and Table 5)
200
ps
Pdiv = 3
odc
Output duty cycle(8)
fVCO = 100 MHz, Pdiv = 1
45%
55%
(3)
Normal-speed mode or high-speed mode must be selected by the VCO frequency selection bit in byte 6, bits [7:5]. The minimum fVCO
can be lower, but impacts jitter performance.
(4)
Do not exceed the maximum power dissipation of the 20-pin TSSOP package (600 mW at no air flow).
(5)
50,000 cycles
(6)
Jitter depends on configuration. Jitter data is normal tr/tf, input frequency = 3.84 MHz, fVCO = 245.76 MHz.
(7)
The tsk(o) specification is only valid for equal loading of all outputs.
(8)
odc depends on output rise and fall time (tr/tf). The data is for normal tr/tf and is valid for both SSC on and off.
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): CDCE706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com