Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE706PWR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE706PWR
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE706PWR Datasheet(HTML) 18 Page - Texas Instruments

Back Button CDCE706PWR Datasheet HTML 14Page - Texas Instruments CDCE706PWR Datasheet HTML 15Page - Texas Instruments CDCE706PWR Datasheet HTML 16Page - Texas Instruments CDCE706PWR Datasheet HTML 17Page - Texas Instruments CDCE706PWR Datasheet HTML 18Page - Texas Instruments CDCE706PWR Datasheet HTML 19Page - Texas Instruments CDCE706PWR Datasheet HTML 20Page - Texas Instruments CDCE706PWR Datasheet HTML 21Page - Texas Instruments CDCE706PWR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
CDCE706
SCAS815I – OCTOBER 2005 – REVISED NOVEMBER 2008 ........................................................................................................................................... www.ti.com
Bytes 9 to 12: Output Switch Matrix (5 × 6 Switch A) PLL Selection for P-Divider P0–P5
SWAPx2
SWAPx1
SWAPx0
Any Output Px
Default(1)
0
0
0
PLL bypass (input clock)
0
0
1
PLL1
P2, P3, P4, P5
0
1
0
PLL2 non-SSC
P0
0
1
1
PLL2 with SSC(2)
1
0
0
PLL3
P1
1
0
1
Reserved
1
1
0
Reserved
1
1
1
Reserved
(1)
Unless customer-specific setting
(2)
PLL2 has an SSC output and a non-SSC output. If SSC bypass is selected (see byte 25, bits [6:4]), the SSC circuitry of PLL2 is
powered down and the SSC output is reset to logic low. The non-SSC output of PLL2 is not affected by this mode and can still be used.
Byte 10, Bits [1:0]: Configuration Settings of Input S0/A0/CLK_SEL
S01
S00
Function
Default(1)
If S0 is low, the PLLs and the clock-input stage go into power-down mode, outputs are in the
Yes
0
0
high-impedance state, all actual register settings are maintained, SMBus stays active. If S0 is high,
then the device is powered on and outputs are active. (2)
If S0 is low, the PLL and all dividers (M-Div and P-Div) are bypassed and PLL is in power down,
all outputs are active (inv. or non-inv.), actual register settings are maintained, SMBus stays
0
1
active; this mode is useful for production test. If S0 is high, then the device is powered on and
outputs are active.
CLK_SEL (input clock selection—overwrites the CLK_SEL setting in byte 10, bit [4])(3)
1
0
—CLK_SEL when set low selects CLK_IN_IN0.
—CLK_SEL when set high selects CLK_IN_IN1.
In this mode, the control input S0 is interpreted as address bit A0 of the slave receiver address
1
1
byte(4).
(1)
Unless customer-specific setting
(2)
Power-down mode overwrites the high-impedance state or low state of the S1 setting in byte 10, bits [3:2].
(3)
If the clock input (CLK_IN0/CLK_IN1) is selected as crystal input or differential clock input (byte 11, bits [7:6]), then this setting is not
relevant.
(4)
To use this pin as slave receiver address bit A0, an initialization pattern must be sent to the CDCE706. When S00/S01 is set to 1, the
S0 input pin is interpreted in the next read or write cycle as address bit A0 of the slave receiver address byte. Note that right after
byte 10 (S00/S01) has been written, A0 (via the S0-pin) is immediately active (also when byte 10 is sent within a block-write sequence).
After the initialization, each CDCE706 has its own S0-dependent slave receiver address and can be addressed according to its new
valid address.
Byte 10, Bits [3:2]: Configuration Settings of Input S1/A1
S11
S10
Function
Default(1)
If S1 is set low, all outputs are switched to a low-state (non-inv.) or high-state (inv.). If S1 is high, then all
Yes
0
0
the outputs are active.
If S1 is set low, all outputs are switched to a high-impedance state. If S1 is high, then all the outputs are
0
1
active.
1
0
Reserved
1
1
In this mode, control input S1 is interpreted as address bit A1 of the slave receiver address byte.(2)
(1)
Unless customer-specific setting
(2)
To use this pin as slave-receiver address bit A1, an initialization pattern must be sent to the CDCE706. When S10/S11 is set to be 1,
the S1 input pin is interpreted in the next read or write cycle as address bit A1 of the slave receiver address byte. Note that right after
byte 10 (S10/S11) has been written, A1 (via the S1-pin) is immediately active (also when byte 10 is sent within a block-write sequence).
After the initialization, each CDCE706 has its own S1-dependent slave receiver address and can be addressed according to its new
valid address.
Byte 10, Bit [4]: Input Clock Selection(1)
CLKSEL
Input Clock
Default(2)
0
CLK_IN0
Yes
1
CLK_IN1
(1)
This bit is not relevant if crystal input or differential clock input is selected, byte 11, bits [7:6].
(2)
Unless customer-specific setting
18
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): CDCE706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com