Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE706PWR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE706PWR
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE706PWR Datasheet(HTML) 17 Page - Texas Instruments

Back Button CDCE706PWR Datasheet HTML 13Page - Texas Instruments CDCE706PWR Datasheet HTML 14Page - Texas Instruments CDCE706PWR Datasheet HTML 15Page - Texas Instruments CDCE706PWR Datasheet HTML 16Page - Texas Instruments CDCE706PWR Datasheet HTML 17Page - Texas Instruments CDCE706PWR Datasheet HTML 18Page - Texas Instruments CDCE706PWR Datasheet HTML 19Page - Texas Instruments CDCE706PWR Datasheet HTML 20Page - Texas Instruments CDCE706PWR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
Functional Description of the Logic
CDCE706
www.ti.com ........................................................................................................................................... SCAS815I – OCTOBER 2005 – REVISED NOVEMBER 2008
All bytes are readable/writeable, unless otherwise expressly mentioned.
Byte 0 (Read-Only): Vendor Identification Bits [3:0]; Revision Code Bit [7:4](1)
Revision Code
Vendor Identification
X
X
X
X
0
0
0
1
(1)
Byte 0 is only readable by the byte-read instruction (see Figure 8).
Bytes 1 to 9: Reference Divider M of PLL1, PLL2, PLL3(1)
M8
M7
M6
M5
M4
M3
M2
M1
M0
Div by
Default(2) (3)
0
0
0
0
0
0
0
0
0
Not allowed
0
0
0
0
0
0
0
0
1
1
0
0
0
0
0
0
0
1
0
2
0
0
0
0
0
0
0
1
1
3
•
•
•
1
1
1
1
1
1
1
0
1
509
1
1
1
1
1
1
1
1
0
510
1
1
1
1
1
1
1
1
1
511
(1)
By selecting the PLL divider factors, M
≤ N and 80 MHz ≤ fVCO ≤ 300 MHz.
(2)
Unless customer-specific setting
(3)
Default setting of divider M for PLL1 = 1, for PLL2 = 27, and for PLL3 = 375.
Bytes 1 to 9: Feedback Divider N of PLL1, PLL2, PLL3(1)
N11
N10
N9
N8
N7
N6
N5
N4
N3
N2
N1
N0
Div by
Default(2) (3)
0
0
0
0
0
0
0
0
0
0
0
0
Not allowed
0
0
0
0
0
0
0
0
0
0
0
1
1
0
0
0
0
0
0
0
0
0
0
1
0
2
0
0
0
0
0
0
0
0
0
0
1
1
3
•
•
•
1
1
1
1
1
1
1
1
1
1
0
1
4093
1
1
1
1
1
1
1
1
1
1
1
0
4094
1
1
1
1
1
1
1
1
1
1
1
1
4095
(1)
By selecting the PLL divider factors, M
≤ N and 80 MHz ≤ fVCO ≤ 300 MHz.
(2)
Unless customer-specific setting
(3)
Default setting of divider N for PLL1 = 8, for PLL2 = 250, and for PLL3 = 3136.
Byte 3 Bits [7:5]: PLL (VCO) Bypass Multiplexer
PLLxMUX
PLL (VCO) MUX Output
Default(1)
0
PLLx
Yes
1
VCO bypass
(1)
Unless customer-specific setting
Byte 6 Bits [7:5]: VCO Frequency Selection Mode for Each PLL(1)
PLLxFVCO
VCO Frequency Range
Default(2)
0
80 MHz–200 MHz
1
180 MHz–300 MHz
Yes
(1)
This bit selects the normal-speed mode or the high-speed mode for the dedicated VCO in PLL1, PLL2, or PLL3. At power up, the
high-speed mode is selected, fVCO is 180 MHz–300 MHz. In case of a higher fVCO, this bit must be set to 1.
(2)
Unless customer-specific setting
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): CDCE706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com