Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASB1200E Datasheet(PDF) 2 Page - EPCOS

Part # ASB1200E
Description  Barometric pressure transducer for SMT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

ASB1200E Datasheet(HTML) 2 Page - EPCOS

  ASB1200E Datasheet HTML 1Page - EPCOS ASB1200E Datasheet HTML 2Page - EPCOS ASB1200E Datasheet HTML 3Page - EPCOS ASB1200E Datasheet HTML 4Page - EPCOS ASB1200E Datasheet HTML 5Page - EPCOS ASB1200E Datasheet HTML 6Page - EPCOS ASB1200E Datasheet HTML 7Page - EPCOS ASB1200E Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Pressure sensors
Barometric pressure transducer for SMT
ASB 1200 E
Preliminary data
AS SEN PD
2009-08-03
Please read
Cautions and warnings and
Page 2 of 8
Important notes at the end of this document.
Applications
Medical devices
Weather stations
Handheld devices (Mobile, navigation, …)
Features
Piezoresistive MEMS technology
Measured media:
Air, non-aggressive gases (gas humidity
0 ... 100% r.h., short term dewing admissible).
Suitable for IP54 applications (gel protected).
Unsuitable for substances, which react with
glass, silicon, stainless steel, ceramics,
aluminum, silicone glue or silicone gel.
Whetstone bridge with mV output,
ratiometric to supply voltage
RoHS-compatible, halogen-free
SMT ceramic package for PCB mounting
Outstanding long-term stability
Delivery mode
Tray
Dimensional drawings
0.5
Material: PtAg
3
2
R3
R1
R4
R2
1
4
electrical diagram:
4
3
1
2
1.7
3
0.7
0.8
2.2
1: Vout+
2: VDD–
3: Vout–
4: VDD+
All dimensions in mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com