Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASB1200E Datasheet(PDF) 3 Page - EPCOS

Part # ASB1200E
Description  Barometric pressure transducer for SMT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

ASB1200E Datasheet(HTML) 3 Page - EPCOS

  ASB1200E Datasheet HTML 1Page - EPCOS ASB1200E Datasheet HTML 2Page - EPCOS ASB1200E Datasheet HTML 3Page - EPCOS ASB1200E Datasheet HTML 4Page - EPCOS ASB1200E Datasheet HTML 5Page - EPCOS ASB1200E Datasheet HTML 6Page - EPCOS ASB1200E Datasheet HTML 7Page - EPCOS ASB1200E Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Pressure sensors
Barometric pressure transducer for SMT
ASB 1200 E
Preliminary data
AS SEN PD
2009-08-03
Please read
Cautions and warnings and
Page 3 of 8
Important notes at the end of this document.
Technical data
Absolute maximum ratings
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply voltage
Maximum supply voltage
VDD
Without damage
1)
10
V
Temperature ranges
2)
–40
85
°C
Operating temperature range
Ta
For t <15 min
tbd
°C
Storage temperature range
Tst
3)
–40
125
°C
Pressure ranges
Operating pressure ranges
pr
Absolute pressure
4)
0
1.2
bar
Over pressure
pov
Absolute pressure
5)
3
pr
Burst pressure
pberst
Absolute pressure
6)
5
pr
Electrical specifications
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply voltage / bridge resistance
Operating supply voltage
VDD
7)
1.0
3.0
6.0
V
Total bridge resistance
RS
@ 25 °C
8)
2.6
3.3
4.0
kΩ
αRs
2.1
2.4
2.7
10
–3/K
Temperature coefficient
of total bridge resistance
βRs
@ 25 °C
9)
4
6
8
10
–6/K2
Output signal @ VDD = 5 V
Offset
V0
@ 25 °C
10)
–30
0
+30
mV
Sensitivity
S
@ 25 °C
13)
See next table
mV/bar
αS
–2.5
–2.2
–1.9
10
–3/K
Temperature coefficient
of the sensitivity
βS
@ 25 °C
15)
3
5
8
10
–6/K2
Pressure hysteresis
pHys
16)
–0.1
0.1
% FS
Long-term stability (Full scale normal output FSON = 120 mV)
Temperature hysteresis of offset
THV0
17)
tbd
% FSON
Temperature cycle drift of offset
TCDV0
17)
tbd
% FSON
High temperature drift of offset
HTDV0
17)
tbd
% FSON
Long term stability of offset
LTSV0
17)
tbd
% FSON



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com