Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASB1200E Datasheet(PDF) 6 Page - EPCOS

Part # ASB1200E
Description  Barometric pressure transducer for SMT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

ASB1200E Datasheet(HTML) 6 Page - EPCOS

  ASB1200E Datasheet HTML 1Page - EPCOS ASB1200E Datasheet HTML 2Page - EPCOS ASB1200E Datasheet HTML 3Page - EPCOS ASB1200E Datasheet HTML 4Page - EPCOS ASB1200E Datasheet HTML 5Page - EPCOS ASB1200E Datasheet HTML 6Page - EPCOS ASB1200E Datasheet HTML 7Page - EPCOS ASB1200E Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Pressure sensors
Barometric pressure transducer for SMT
ASB 1200 E
Preliminary data
AS SEN PD
2009-08-03
Please read
Cautions and warnings and
Page 6 of 8
Important notes at the end of this document.
αs and βs are the linear and nonlinear temperature coefficient of the sensitivity respectively (see
15)).
Therefore TCV0
+ and TCV0– are defined for the measurement temperature range by:
C
25
T
)
C
25
(
V
)
T
(
V
TCVo
max
o
max
o
°
−
°
−
=
+
C
25
T
)
C
25
(
V
)
T
(
V
TCVo
min
o
min
o
°
−
°
−
=
−
12) Full scale value FS
o
max
r
out
V
)
p
(
V
FS
−
=
13) Sensitivity S
The sensitivity is defined for a bridge voltage power supply VDD = 5 V. It can be determined by the formula:
max
r
o
max
r
out
p
V
)
p
(
V
S
−
=
This parameter is tested for process control on samples.
14) Nonlinearity L
This parameter may be influenced by assembly.
The nonlinearity is measured using the endpoint method. Assuming a characteristic, this can be approximated
by a polynomial of second order, where the maximum is at px = prmax/2. The nonlinearity is defined at px = prmax/2,
using the equation:
max
r
x
o
max
r
out
o
x
out
p
p
V
)
p
(
V
V
)
p
(
V
L
−
−
−
=
This parameter is tested for process control on samples, mounted on a TO39 base.
15) Temperature coefficient of sensitivity α
α
α
αS and β
β
β
βS:
These parameters may be influenced by assembly.
The temperature coefficients of sensitivity are tested for design verification on samples
over a reduced temperature range Tmeas,min = –20 °C to Tmeas,max = 80 °C with TR = 25 °C.
The temperature coefficients of first and second order are defined with the polynomial:
(
) (
)
°
−
β
+
°
−
α
+
°
=
=
2
S
S
C
25
T
C
25
T
1
)
C
25
T
(
S
)
T
(
S
The coefficients αS and βS are calculated using the three measurement points of S(T) at Tmeas,min, TR and Tmeas,max.
16) Pressure hysteresis pHys
The pressure hysteresis is the difference between output voltages at constant pressure and constant temperature while
applying a pressure cycle with pressure steps of pr, min, p1, p2, p3, pr,max, p3, p2, p1, pr, min:
FS
)
p
(
V
)
p
(
V
pHys
k
1
,
out
k
2
,
out
−
=
With k = min, 1, 2, 3, max. The pressure steps are: prmin = 0, p1 = 0.25·pr,max, p2 = 0.5·pr,max, p3 = 0.75·pr, max, pr,max.
This parameter is tested for design verification on samples.
17) Reliability data
For long-term stability of offset voltage LTSV0 please refer to the defined Aktiv Sensor’s standard AS100001 in chapter
“Reliability data” on the internet.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com