Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB3210 Datasheet(PDF) 9 Page - Texas Instruments

Part # TUSB3210
Description  Universal Serial Bus General-Purpose Device Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB3210 Datasheet HTML 5Page - Texas Instruments TUSB3210 Datasheet HTML 6Page - Texas Instruments TUSB3210 Datasheet HTML 7Page - Texas Instruments TUSB3210 Datasheet HTML 8Page - Texas Instruments TUSB3210 Datasheet HTML 9Page - Texas Instruments TUSB3210 Datasheet HTML 10Page - Texas Instruments TUSB3210 Datasheet HTML 11Page - Texas Instruments TUSB3210 Datasheet HTML 12Page - Texas Instruments TUSB3210 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
www.ti.com
1 2
3
P1.1
P1.0
P2.7
P2.6
P2.5
P2.4
P2.3
P2.2
GND
P2.1
P2.0
GND
TEST2
DM
DP
PUR
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
4
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
P0.6
P0.7
P3.7
P3.6
P3.5
P3.4
P3.3
P3.2
P3.1/S1/TXD
P3.0/S0/RXD
GND
X2
X1
VCC
NC
NC
5
6 7
8
47 46 45 44 43
48
42
40 39 38
41
9 10 11 12 13
37 36 35 34 33
14 15 16
PM PACKAGE
(TOP VIEW)
TUSB3210
Universal Serial Bus
General-Purpose Device Controller
SLLS466F – FEBRUARY 2001 – REVISED AUGUST 2007
Figure 1-2. Terminal Assignments
Table 1-1. Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
1.8VDD(1)
37
I/O
1.8 V. When VREN is high, 1.8 V must be applied externally to provide current for the core during
suspend.
DM
19
I/O
Differential data-minus USB
DP
18
I/O
Differential data-plus USB
GND
5, 21 24,
—
Power supply ground
42, 59
NC
2, 3, 6, 7,
No connection
63, 64
P0.[0:7]
43, 44,
I/O
General-purpose I/O port 0 bits 0–7, Schmitt-trigger input, 100-
μA active pullup, open-drain output(2)
45, 46,
47, 48,
49, 50
P1.[0:7]
31, 32,
I/O
General-purpose I/O port 1 bits 0–7, Schmitt-trigger input, 100-
μA active pullup, open-drain output(2)
33, 34,
35, 36,
40, 41
(1)
During normal operation, the internal 3.3- to 1.8-V voltage regulator of the TUSB3210 is enabled and provides power to the core. To
save power during the suspend mode, the internal regulator is disabled. In this case, the pin becomes an input, and a simple external
power source is required to provide power to the core. This source needs to supply a limited amount of power (10
μA maximum) within
the voltage range of 1 to 1.95 V.
(2)
All open-drain output pins can sink up to 8 mA.
Submit Documentation Feedback
Introduction
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com