Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB3210 Datasheet(PDF) 10 Page - Texas Instruments

Part # TUSB3210
Description  Universal Serial Bus General-Purpose Device Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB3210 Datasheet HTML 6Page - Texas Instruments TUSB3210 Datasheet HTML 7Page - Texas Instruments TUSB3210 Datasheet HTML 8Page - Texas Instruments TUSB3210 Datasheet HTML 9Page - Texas Instruments TUSB3210 Datasheet HTML 10Page - Texas Instruments TUSB3210 Datasheet HTML 11Page - Texas Instruments TUSB3210 Datasheet HTML 12Page - Texas Instruments TUSB3210 Datasheet HTML 13Page - Texas Instruments TUSB3210 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
www.ti.com
TUSB3210
Universal Serial Bus
General-Purpose Device Controller
SLLS466F – FEBRUARY 2001 – REVISED AUGUST 2007
Table 1-1. Terminal Functions (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
P2.[0:7]
22, 23,
I/O
General-purpose I/O port 2 bits 0–7, Schmitt-trigger input, 100-
μA active pullup, open-drain output(2)
25, 26,
27, 28,
29, 30
P3.0/S0/RXD
58
I/O
P3.0: General-purpose I/O port 3 bit 0, Schmitt-trigger input, 100-
μA active pullup, open-drain output(2)
S0: See Section 2.6.5.
RXD: Can be used as a UART interface
P3.1/S1/TXD
57
I/O
P3.1: General-purpose I/O port 3 bit 1, Schmitt-trigger input, 100-
μA active pullup, open-drain output(2)
S1: See Section 2.6.5.
TXD: Can be used as a UART interface
P3.2
56
I/O
General-purpose I/O port 3 bit 2, Schmitt-trigger input, 100-
μA active pullup, open-drain output(2); INT0
only used internally (see Section 2.9.4)
P3.3
55
I/O
General-purpose I/O port 3 bit 3, Schmitt-trigger input, 100-
μA active pullup, open-drain output(2); may
support INT1 input, depending on configuration (see Figure 2-5)
P3.[4:7]
54, 53,
I/O
General-purpose I/O port 3 bits 4–7, Schmitt-trigger input, 100-
μA active pullup, open-drain output(2)
52, 51
PUR
17
O
Pullup resistor connection pin (3-state) push-pull CMOS output (
±4 mA)
RST
13
I
Controller master reset signal, Schmitt-trigger input, 100-
μA active pullup
RSV
1, 4
Reserved (Do not connect these pins.)
S2
8
I
General-purpose input, can be used for VID/PID selection under firmware control. This input has no
internal pullup; therefore, it must be driven/pulled either low or high and cannot be left unconnected.
S3
9
I
General-purpose input. This input has no internal pullup; therefore, it must be driven/pulled either low or
high and cannot be left unconnected.
SCL
12
O
Serial clock I2C; push-pull output
SDA
11
I/O
Serial data I2C; open-drain output(2)
SUSP
16
O
Suspend status signal: suspended (HIGH); unsuspended (LOW)
TEST0(3)
14
I
Test input0, Schmitt-trigger input, 100-
μA active pullup
TEST1(3)
15
I
Test input1, Schmitt-trigger input, 100-
μA active pullup
TEST2
20
I
Test input2, Schmitt-trigger input, 100-
μA active pullup. This pin is reserved for testing purposes and
should be left unconnected.
VCC
10, 39,
—
Power supply input, 3.3 V typical
62
VREN
38
I
Voltage regulator enable: enable active-LOW; disable active-HIGH
X1
61
I
12-MHz crystal input
X2
60
O
12-MHz crystal output
(3)
The functions controlled by TEST0 and TEST1 are shown in Table 1-2. Because these pins have internal pullups, they can be left
unconnected for the default mode.
Table 1-2. Test0/Test1 Functions
TEST0
TEST1
Function
0
0
Selects 48-MHz clock input (from an oscillator or other onboard clock source)
0
1
Reserved for testing purposes
1
0
Reserved for testing purposes
1
1
Selects 12-MHz crystal as clock source (default)
Introduction
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com