Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB3210 Datasheet(PDF) 14 Page - Texas Instruments

Part # TUSB3210
Description  Universal Serial Bus General-Purpose Device Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TUSB3210 Datasheet HTML 10Page - Texas Instruments TUSB3210 Datasheet HTML 11Page - Texas Instruments TUSB3210 Datasheet HTML 12Page - Texas Instruments TUSB3210 Datasheet HTML 13Page - Texas Instruments TUSB3210 Datasheet HTML 14Page - Texas Instruments TUSB3210 Datasheet HTML 15Page - Texas Instruments TUSB3210 Datasheet HTML 16Page - Texas Instruments TUSB3210 Datasheet HTML 17Page - Texas Instruments TUSB3210 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
www.ti.com
2.2.3
PUR_n: GPIO Pullup Register for Port n (n = 0 to 3)
2.2.4
INTCFG: Interrupt Configuration
2.2.5
WDCSR: Watchdog Timer, Control, and Status Register
TUSB3210
Universal Serial Bus
General-Purpose Device Controller
SLLS466F – FEBRUARY 2001 – REVISED AUGUST 2007
PUR_0: GPIO pullup register for port 0
PUR_1: GPIO pullup register for port 1
PUR_2: GPIO pullup register for port 2
PUR_3: GPIO pullup register for port 3
7
6
5
4
3
2
1
0
PORT_n.7
PORT_n.6
PORT_n.5
PORT_n.4
PORT_n.3
PORT_n.2
PORT_n.1
PORT_n.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0–7
PORT_n.N
0
The MCU can write to this register. If the MCU sets this bit to 1, the internal pullup resistor is
(N = 0 to 7)
disconnected from the pin. If the MCU clears this bit to 0, the pullup resistor is connected to the pin.
The pullup resistor is connected to the VCC power supply.
7
6
5
4
3
2
1
0
RSV
RSV
RSV
RSV
I3
I2
I1
I0
R/O
R/O
R/O
R/O
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0–3
I[3:0]
0010
The MCU can write to this register to set the interrupt delay time for port 2 on the MCU. The value of
the lower nibble represents the delay in ms. Default after reset is 2 ms.
I[3:0]
Delay
0000
5 ms
0001
5 ms
0010
2 ms (default)
0011
3 ms
0100
4 ms
0101
5 ms
0110
6 ms
0111
7 ms
1000
8 ms
1001
9 ms
1010
10 ms
1011
5 ms
1100
5 ms
1101
5 ms
1110
5 ms
1111
5 ms
4–7
RSV
0
Reserved
A watchdog timer (WDT) with 1-ms clock is provided. The watchdog timer works only when a USB
start-of-frame has been detected by the TUSB3210. If this register is not accessed for a period of 32 ms,
the WDT counter resets the MCU (see Figure 2-2, Reset Diagram). When the IDL bit in PCON is set, the
WDT is suspended until an interrupt is detected. At this point, the IDL bit is cleared and the WDT resumes
operation. The WDE bit of this register is cleared only on power up or USB reset (if enabled). When the
MCU writes a 1 to the WDE bit of this register, the WDT starts running. (W/O notation indicates write only
by the MCU.)
Functional Description
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com