Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXS0104EZXUR Datasheet(PDF) 10 Page - Texas Instruments

Part # TXS0104EZXUR
Description  4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXS0104EZXUR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TXS0104EZXUR Datasheet HTML 6Page - Texas Instruments TXS0104EZXUR Datasheet HTML 7Page - Texas Instruments TXS0104EZXUR Datasheet HTML 8Page - Texas Instruments TXS0104EZXUR Datasheet HTML 9Page - Texas Instruments TXS0104EZXUR Datasheet HTML 10Page - Texas Instruments TXS0104EZXUR Datasheet HTML 11Page - Texas Instruments TXS0104EZXUR Datasheet HTML 12Page - Texas Instruments TXS0104EZXUR Datasheet HTML 13Page - Texas Instruments TXS0104EZXUR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
V
CCA
A
10 k
B
T1
T2
V
CCB
10 k
One-shot
One-shot
Gate Bias
Input Driver Requirements
Power Up
Enable and Disable
Pullup or Pulldown Resistors on I/O Lines
TXS0104E
SCES651D – JUNE 2006 – REVISED MAY 2008............................................................................................................................................................... www.ti.com
Figure 1. Architecture of a TXS01xx Cell
Each A-port I/O has an internal 10-k
Ω pullup resistor to VCCA, and each B-port I/O has an internal 10-kΩ pullup
resistor to VCCB. The output one-shots detect rising edges on the A or B ports. During a rising edge, the one-shot
turns on the PMOS transistors (T1,T2) for a short duration, which speeds up the low-to-high transition.
The fall time (tfA, tfB) of a signal depends on the output impedance of the external device driving the data I/Os of
the TXS0104E. Similarly, the tPHL and max data rates also depend on the output impedance of the external
driver. The values for tfA, tfB, tPHL, and maximum data rates in the data sheet assume that the output impedance
of the external driver is less than 50
Ω.
During operation, ensure that VCCA ≤ VCCB at all times. During power-up sequencing, VCCA ≥ VCCB does not
damage the device, so any power supply can be ramped up first.
The TXS0104E has an OE input that is used to disable the device by setting OE low, which places all I/Os in the
Hi-Z state. The disable time (tdis) indicates the delay between the time when OE goes low and when the outputs
actually get disabled (Hi-Z). The enable time (ten) indicates the amount of time the user must allow for the
one-shot circuitry to become operational after OE is taken high.
Each A-port I/O has an internal 10-k
Ω pullup resistor to VCCA, and each B-port I/O has an internal 10-kΩ pullup
resistor to VCCB. If a smaller value of pullup resistor is required, an external resistor must be added from the I/O
to VCCA or VCCB (in parallel with the internal 10-kΩ resistors).
10
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TXS0104E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com