Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXS0104EZXUR Datasheet(PDF) 3 Page - Texas Instruments

Part # TXS0104EZXUR
Description  4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXS0104EZXUR Datasheet(HTML) 3 Page - Texas Instruments

  TXS0104EZXUR Datasheet HTML 1Page - Texas Instruments TXS0104EZXUR Datasheet HTML 2Page - Texas Instruments TXS0104EZXUR Datasheet HTML 3Page - Texas Instruments TXS0104EZXUR Datasheet HTML 4Page - Texas Instruments TXS0104EZXUR Datasheet HTML 5Page - Texas Instruments TXS0104EZXUR Datasheet HTML 6Page - Texas Instruments TXS0104EZXUR Datasheet HTML 7Page - Texas Instruments TXS0104EZXUR Datasheet HTML 8Page - Texas Instruments TXS0104EZXUR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Absolute Maximum Ratings
(1)
TXS0104E
www.ti.com............................................................................................................................................................... SCES651D – JUNE 2006 – REVISED MAY 2008
PIN DESCRIPTION
PIN NO.
BALL NO.
NAME
FUNCTION
D, PW,
GXU/ZXU
YZT
OR RGY
1
B2
B2
VCCA
A-port supply voltage. 1.65 V
≤ VCCA ≤ 3.6 V and VCCA ≤ VCCB.
2
A1
A3
A1
Input/output A1. Referenced to VCCA.
3
A2
B3
A2
Input/output A2. Referenced to VCCA.
4
A3
C3
A3
Input/output A3. Referenced to VCCA.
5
A4
D3
A4
Input/output A4. Referenced to VCCA.
6
–
–
NC
No connection. Not internally connected.
7
B4
D2
GND
Ground
3-state output-mode enable. Pull OE low to place all outputs in 3-state
8
B3
C2
OE
mode. Referenced to VCCA.
9
–
–
NC
No connection. Not internally connected.
10
C4
D1
B4
Input/output B4. Referenced to VCCB.
11
C3
C1
B3
Input/output B3. Referenced to VCCB.
12
C2
B1
B2
Input/output B2. Referenced to VCCB.
13
C1
A1
B1
Input/output B1. Referenced to VCCB.
14
B1
A2
VCCB
B-port supply voltage. 2.3 V
≤ VCCB ≤ 5.5 V.
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCCA
–0.5
4.6
Supply voltage range
V
VCCB
–0.5
6.5
A port
–0.5
4.6
VI
Input voltage range(2)
V
B port
–0.5
6.5
A port
–0.5
4.6
Voltage range applied to any output
VO
V
in the high-impedance or power-off state(2)
B port
–0.5
6.5
A port
–0.5
VCCA + 0.5
VO
Voltage range applied to any output in the high or low state(2)(3)
V
B port
–0.5
VCCB + 0.5
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through each VCCA, VCCB, or GND
±100
mA
D package(4)
86
PW package(4)
113
θ
JA
Package thermal impedance
RGY package(5)
47
°C/W
GXU/ZXU package(4)
128
YZT package
TBD
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The value of VCCA and VCCB are provided in the recommended operating conditions table.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
(5)
The package thermal impedance is calculated in accordance with JESD 51-5.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TXS0104E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com